Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3706LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFR3706LPBF
Description  High Frequency Isolated DC-DC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3706LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFR3706LPBF Datasheet HTML 1Page - International Rectifier IRFR3706LPBF Datasheet HTML 2Page - International Rectifier IRFR3706LPBF Datasheet HTML 3Page - International Rectifier IRFR3706LPBF Datasheet HTML 4Page - International Rectifier IRFR3706LPBF Datasheet HTML 5Page - International Rectifier IRFR3706LPBF Datasheet HTML 6Page - International Rectifier IRFR3706LPBF Datasheet HTML 7Page - International Rectifier IRFR3706LPBF Datasheet HTML 8Page - International Rectifier IRFR3706LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
12/10/04
IRFR3706
IRFU3706
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
20V
9.0m
75A„
Notes
 through … are on page 10
D-Pak
I-Pak
IRFR3706
IRFU3706
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
75
„
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
53
„
A
IDM
Pulsed Drain Current

280
PD @TC = 25°C
Maximum Power Dissipation
ƒ
88
W
PD @TC = 100°C
Maximum Power Dissipation
ƒ
44
W
Linear Derating Factor
0.59
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
…
–––
1.7
RθJA
Junction-to-Ambient (PCB mount)*
…
–––
50
°C/W
RθJA
Junction-to-Ambient
…
–––
110
Thermal Resistance
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
PD - 93933B


Similar Part No. - IRFR3706LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
logo
Kersemi Electronic Co.,...
IRFR3706 KERSEMI-IRFR3706 Datasheet
3Mb / 10P
   SMPS MOSFET
IRFR3706C KERSEMI-IRFR3706C Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR3706CLPBF IRF-IRFR3706CLPBF Datasheet
263Kb / 11P
   High Frequency Isolated DC-DC
IRFR3706CPBF IRF-IRFR3706CPBF Datasheet
254Kb / 10P
   SMPS MOSFET
More results

Similar Description - IRFR3706LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3706CLPBF IRF-IRFR3706CLPBF Datasheet
263Kb / 11P
   High Frequency Isolated DC-DC
IRF7469TRPBF IRF-IRF7469TRPBF Datasheet
131Kb / 8P
   High Frequency Isolated DC-DC
IRLR3714TRPBF IRF-IRLR3714TRPBF Datasheet
228Kb / 11P
    High Frequency Isolated DC-DC
logo
Kersemi Electronic Co.,...
IRFR3706CTRR KERSEMI-IRFR3706CTRR Datasheet
3Mb / 10P
   High Frequency Isolated DC-DC Converters
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF_15 Datasheet
283Kb / 11P
   High Frequency DC-DC Isolated Converters
logo
Kersemi Electronic Co.,...
IRF3708 KERSEMI-IRF3708 Datasheet
1Mb / 10P
   High Frequency DC-DC Isolated Converters
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRFB41N15DPBF IRF-IRFB41N15DPBF_15 Datasheet
343Kb / 13P
   High frequency DC-DC converters
IRFB59N10DPBF IRF-IRFB59N10DPBF_15 Datasheet
233Kb / 12P
   High frequency DC-DC converters
IRFR9N20DPBF IRF-IRFR9N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com