Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16990 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16990
Description  Boost/SEPIC Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16990 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16990 Datasheet HTML 5Page - Maxim Integrated Products MAX16990 Datasheet HTML 6Page - Maxim Integrated Products MAX16990 Datasheet HTML 7Page - Maxim Integrated Products MAX16990 Datasheet HTML 8Page - Maxim Integrated Products MAX16990 Datasheet HTML 9Page - Maxim Integrated Products MAX16990 Datasheet HTML 10Page - Maxim Integrated Products MAX16990 Datasheet HTML 11Page - Maxim Integrated Products MAX16990 Datasheet HTML 12Page - Maxim Integrated Products MAX16990 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MAX16990/MAX16992
36V, 2.5MHz Automotive Boost/SEPIC Controllers
9
Maxim Integrated
Pin Configurations
Pin Descriptions
MAX16990AUBA/B,
MAX16992AUBA/B
MAX16990ATCC/D,
MAX16992ATCC/D
MAX16990ATCE/F,
MAX16992ATCE/F
NAME
FUNCTION
µMAX-EP
TQFN-EP
TQFN-EP
1
1
1
SUP
Power-Supply Input. Place a bypass capacitor of at
least 1FF between this pin and ground.
2
3
3
EN
Active-High Enable Input. This input is high-voltage
capable or can alternatively be driven from a logic-
level signal.
3
2
2
GND
Ground Connection
4
4
4
DRV
Drive Output for Gate of nMOS Boost Switch. The
nominal voltage swing of this output is between PVL
and GND.
5
5
5
PVL
Output of 5V Internal Regulator. Connect a ceramic
capacitor of at least 2.2FF from this pin to ground,
placing it as close as possible to the pin.
6
6
6
ISNS
Current-Sense Input to Regulator. Connect a sense
resistor between the source of the external switching
FET and GND. Then connect another resistor
between ISNS and the source of the FET for slope
compensation adjustment.
12
11
10
4
5
6
12
COMP
3
98
7
FB
ISNS
PVL
DRV
FSET/SYNC
TQFN
(3mm x 3mm)
MAX16990ATCE/F
MAX16992ATCE/F
TOP VIEW
+
12
11
10
4
5
6
12
COMP
3
98
7
FB
ISNS
PVL
DRV
FSET/SYNC
TQFN
(3mm x 3mm)
MAX16990ATCC/D
MAX16992ATCC/D
TOP VIEW
+
1
2
3
4
5
10
9
8
7
6
FB
COMP
FSET/SYNC
PGOOD
DRV
GND
EN
SUP
µMAX
TOP VIEW
ISNS
PVL
EP
EP
EP
+
MAX16990AUBA/B
MAX16992AUBA/B


Similar Part No. - MAX16990

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16990 MAXIM-MAX16990 Datasheet
462Kb / 10P
   3V to 36V, 10A DC power supply
Rev 0; 9/13
MAX16990ATCC MAXIM-MAX16990ATCC Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990ATCC/V++ MAXIM-MAX16990ATCC/V+ Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16990ATCD MAXIM-MAX16990ATCD Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990ATCD/V++ MAXIM-MAX16990ATCD/V+ Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
More results

Similar Description - MAX16990

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Linear Technology
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com