Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15096 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15096
Description  Integrated Hot-Swap/Electronic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15096 Datasheet HTML 3Page - Maxim Integrated Products MAX15096 Datasheet HTML 4Page - Maxim Integrated Products MAX15096 Datasheet HTML 5Page - Maxim Integrated Products MAX15096 Datasheet HTML 6Page - Maxim Integrated Products MAX15096 Datasheet HTML 7Page - Maxim Integrated Products MAX15096 Datasheet HTML 8Page - Maxim Integrated Products MAX15096 Datasheet HTML 9Page - Maxim Integrated Products MAX15096 Datasheet HTML 10Page - Maxim Integrated Products MAX15096 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BUMP
NAME
FUNCTION
A1
VCC
Power-Supply Input. Connect VCC to a voltage between 2.7V and 18V. Connect a Schottky diode (or 10Ω
resistor) from IN to VCC, and a 1µF bypass capacitor to GND to guarantee full operation in the event VIN
collapses during a strong short from OUT to GND.
A2
PG
Power-Good Output. PG is an open-drain, active-high output. PG pulls low until the internal power
MOSFET is fully enhanced.
A3
TIMER
Timing Input. Connect a resistor from TIMER to GND to program the maximum time the part is allowed
to remain in current limit. See the TIMER section. If TIMER is not connected, the parasitic capacitance
between TIMER and GND must be less than 10pF.
A4
UVOV
Undervoltage and Overvoltage Threshold Pin. UVOV sets the under/overvoltage threshold. See the Setting
the Undervoltage/Overvoltage Threshold section.
B1
CB
Current-Limit Threshold Set. Connect a resistor from CB to GND to set the circuit-breaker threshold. Maximum
value of 41.2kΩ can be accepted for safe operation. Having the CB pin connected to GND sets the circuit-
breaker threshold at 0A.
B2–B4
IN
Supply Voltage Input. IN is connected to the drain of the internal 12mΩ (typ) MOSFET. Bypass IN with a
transient voltage-suppressor diode to GND for clamping inductive kick transients in the case of fast output
short circuit to GND.
C1
GND
Ground
C2–C4
OUT
Load Output. Source of the internal power MOSFET.
D1
REG
Internal Regulator Output. Bypass to ground with a 1µF capacitor. Do not power external circuitry using the
REG output.
D2
GATE
Gate of Internal MOSFET. During startup, a 5.9µA (typ) current is sourced to enhance the internal MOSFET
with a 10V/ms slew rate. Connect an external capacitance from GATE to GND to reduce the output slew
rate during startup.
D3
EN
Active-High Enable Comparator Input. Pulling EN high enables the output if PRSNT is held low.
D4
PRSNT
Active-Low Present-Detect Logic Input. Pulling PRSNT to GND enables the output if EN is high.
WLP
(2mm x 2mm)
TOP VIEW
(BUMP SIDE DOWN)
MAX15096
MAX15096A
MAX15096D
+
1
2
3
4
A
B
C
D
VCC
PG
TIMER
UVOV
CB
IN
IN
IN
GND
OUT
OUT
OUT
REG
GATE
EN
PRSNT
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/
Electronic Circuit Breaker
www.maximintegrated.com
Maxim Integrated │ 7
Bump Description
Bump Configuration


Similar Part No. - MAX15096

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
More results

Similar Description - MAX15096

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com