Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14934 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14934
Description  Four-Channel, 5kVRMS Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14934 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14934 Datasheet HTML 2Page - Maxim Integrated Products MAX14934 Datasheet HTML 3Page - Maxim Integrated Products MAX14934 Datasheet HTML 4Page - Maxim Integrated Products MAX14934 Datasheet HTML 5Page - Maxim Integrated Products MAX14934 Datasheet HTML 6Page - Maxim Integrated Products MAX14934 Datasheet HTML 7Page - Maxim Integrated Products MAX14934 Datasheet HTML 8Page - Maxim Integrated Products MAX14934 Datasheet HTML 9Page - Maxim Integrated Products MAX14934 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MAX14934–MAX14936
Four-Channel, 5kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 6
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS AND OUTPUTS
Input High Voltage
VIH
ENA, INA_ relative to GNDA
0.7 x
VDDA
V
ENB, INB_ relative to GNDB
0.7 x
VDDB
Input Low Voltage
VIL
ENA, INA_
relative to GNDA
1.71V ≤ VDDA ≤ 1.89V
0.6
V
2.25V ≤ VDDA ≤ 5.5V
0.8
ENB, INB_
relative to GNDB
1.71V ≤ VDDB ≤ 1.89V
0.6
2.25V ≤ VDDB ≤ 5.5V
0.8
Input Hysteresis
VHYS
VINA_ relative to
GNDA or
VINB_ relative to
GNDB
MAX1493_A/D
410
mV
MAX1493_B/E
410
MAX1493_C/F
80
Input Leakage Current
IL
VINA_ = 0 or VDDA,
VINB_ = 0 or VDDB
-1
+1
µA
Input Capacitance
CIN
INA_, INB_, f = 1MHz
2
pF
EN_ Pullup Current
IPU
-4
-2.3
-1
µA
Output Voltage High
VOH
VOUTA_ relative to GNDA,
IOUTA_ = -4mA (Note 4)
VDDA -
0.4
V
VOUTB_ relative to GNDB,
IOUTB_ = -4mA (Note 4)
VDDB -
0.4
Output Voltage Low
VOL
VOUTA_ relative to GNDA,
IOUTA_ = 4mA (Note 4)
0.4
V
VOUTB_ relative to GNDB,
IOUTB_ = 4mA (Note 4)
0.4
(VDDA - VGNDA = +1.71V to +5.5V, VDDB - VGNDB = +1.71V to +5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted.
Typical values are at VDDA - VGNDA = +3.3V, VDDB - VGNDB = +3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Note 2)
DC Electrical Characteristics (continued)


Similar Part No. - MAX14934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
737Kb / 6P
   Guaranteed Up to 5kVRMS Isolation
Rev 2; 8/16
MAX14934AAWE++ MAXIM-MAX14934AAWE+ Datasheet
1Mb / 23P
   Four-Channel, 5kVRMS Digital Isolators
2020
MAX14934BAWE++ MAXIM-MAX14934BAWE+ Datasheet
1Mb / 23P
   Four-Channel, 5kVRMS Digital Isolators
2020
MAX14934CAWE++ MAXIM-MAX14934CAWE+ Datasheet
1Mb / 23P
   Four-Channel, 5kVRMS Digital Isolators
2020
MAX14934DAWE++ MAXIM-MAX14934DAWE+ Datasheet
1Mb / 23P
   Four-Channel, 5kVRMS Digital Isolators
2020
More results

Similar Description - MAX14934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
   Four-Channel, 5kVRMS Digital Isolators
2020
MAX14434 MAXIM-MAX14434 Datasheet
1Mb / 26P
   Four-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 3; 1/19
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
   Four Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX12934 MAXIM-MAX12934_V01 Datasheet
1Mb / 21P
   Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
MAX12934 MAXIM-MAX12934 Datasheet
1Mb / 20P
   Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 0; 8/17
MAX12935 MAXIM-MAX12935 Datasheet
1Mb / 20P
   Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 0; 8/17
MAX12930 MAXIM-MAX12930_V01 Datasheet
1Mb / 24P
   Two-Channel, Low-Power, 3kVRMS and 5kVRMS Digital Isolators
2020
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com