Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100401530001 Datasheet(PDF) 1 Page - ERNI Electronics

Part No. 100401530001
Description  Federleiste THR, Powerm. 10mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ERNI [ERNI Electronics]
Homepage  http://www.erni.com
Logo 

100401530001 Datasheet(HTML) 1 Page - ERNI Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
0,1 mm
330
Verpackt in Gurtverpackung
Tape on Reel Packaging
Verpackungseinheit: 300 Stück
Packaging unit: 300 pcs
Abspulrichtung -
Reel off Direction
a1
a5
ohne Ansaughaube
without hood
8
4 x 2 =
2
a1
16
1) Durchmesser des Bohrers /
PCB-layout proposal
1)
Drill tool
Leiterplatten-Layout Vorschlag /
1)
3
1
0,9
0,7
±0,03
±0,03
11
0,8
8
4 x 2 =
2
±0,03
9
3 x 3 =
1,5
0,6 ±0,05
1
Mitte Steckgesicht
center matingface
4,15
0,8
5,5
0,75
Index
MSPEED
contact one of the ERNI companies
A3
Class
g
Female Con. THR, Powerm. 10mm
Federleiste THR, Powerm. 10mm
100401530001
5:1
K
14.09.2012
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
Ansaughaube
hood
6,5
0,5
11
0,6
11,55
11,55


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn