Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100401430001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100401430001
Description  Stiftleiste (SMD)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100401430001 Datasheet(HTML) 1 Page - ERNI Electronics

  100401430001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Example
10 Pin version
SCHNITT A-A
0,76
1,2
1,6
5,08 -0,15
0
Contact Pin/
Kontaktstift
Insulation Body/
Isolierkörper
(N/2 x 2,54)
A
A
Leiterplatten Layout / PCB Layout
0
-0,2
±0,05
Sectional view A-A
100401430001
30
6
Schüttgut
Bulk
MOQ required
Ident-Nr.
Part-No.
Polzahl
No. of
contacts
Höhe H
Height H
Verpackung
Packing
Bemerkung
Remark
A3
Class
K
www.ERNI.com
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
5:1
100401430001
Stiftleiste (SMD)
Pin header (SMD)
STLHW
Index
28.03.2011
Date
2,54
non cumulatif
Tech. Data:
Isolierkörper / Insulation Body:
PCT-GF30-FR
Farbe / Colour:
sc hwarz / black
Brennbarkeit / Flammability:
UL 94V-0
Kontaktstift / Contact Pin
CuZ n36Pb3
Galvanik / Plating
0,25µm Au (entire contact)
Koplanarität / Coplanarity:
max. 0,1 mm
(measured on 25 mm long connectors)
Lebensdauer / Mechanical life:
min. 500 Zyklen / cycles
Strombelastbarkeit / Rated current:
3 A
Durchsc hlagfestigkeit / Dielectric strength:
min. 1000 V
RMS


Similar Part No. - 100401430001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100401000001 ERNI-100401000001 Datasheet
166Kb / 1P
   ERMETZD MESSERLEISTE ABG
100401030001 ERNI-100401030001 Datasheet
113Kb / 1P
   Messerl. SMC-B 68-SMD-BA7-03
100401090001 ERNI-100401090001 Datasheet
42Kb / 1P
   F 2.54 SRC-A, 6-polig
100401130001 ERNI-100401130001 Datasheet
52Kb / 1P
   M 2,54 SRC-P, 2-polig
100401180001 ERNI-100401180001 Datasheet
81Kb / 1P
   Messerleiste THR, Powerm. 10mm
More results

Similar Description - 100401430001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100101430001 ERNI-100101430001 Datasheet
31Kb / 1P
   Stiftleiste (SMD)
100301430001 ERNI-100301430001 Datasheet
32Kb / 1P
   Stiftleiste (SMD)
100201430001 ERNI-100201430001 Datasheet
98Kb / 1P
   Stiftleiste (SMD)
logo
Tyco Electronics
1-825440-3 MACOM-1-825440-3 Datasheet
112Kb / 2P
   AMPMODU II STIFTLEISTE ZWEIREIHIG
27856 MACOM-27856 Datasheet
64Kb / 2P
   AMPMODU II STIFTLEISTE EINREIHIG
826632 MACOM-826632 Datasheet
41Kb / 1P
   AMPMODU II STIFTLEISTE ZWEIREIHIG
logo
Amphenol Corporation
826925-3 AMPHENOL-826925-3 Datasheet
25Kb / 1P
   AMPMODU II STIFTLEISTE ZWEIREIHIG
logo
Tyco Electronics
1241050-7 MACOM-1241050-7 Datasheet
908Kb / 3P
   AMPMODU II PIN HEADER PACKED IN BLISTER AMPMODU II STIFTLEISTE VERPACKT IN BLISTER
logo
CONEC Elektronische Bau...
163A16639X CONEC-163A16639X Datasheet
519Kb / 1P
   D-SUB HD Male 78pos. solder cup D-SUB HD Stiftleiste 78pol. Lötkelch
03.06.2004
logo
Tyco Electronics
2-1393480-1 MACOM-2-1393480-1 Datasheet
521Kb / 6P
   Sub-D 90 Lotausfuhrung Stiftleiste Einbauhohe 3,6mm D-Sub 90 solderverson Pin connector mounting height 3,6 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com