Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ100A Datasheet(PDF) 1 Page - General Semiconductor

Part # SMBJ100A
Description  SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SMBJ100A Datasheet(HTML) 1 Page - General Semiconductor

  SMBJ100A Datasheet HTML 1Page - General Semiconductor SMBJ100A Datasheet HTML 2Page - General Semiconductor SMBJ100A Datasheet HTML 3Page - General Semiconductor SMBJ100A Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBG AND SMBJ5.0 THRU 170CA
SURFACE MOUNT TRANSZORB™ TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.0 to170 Volts
Peak Pulse Power - 600 Watts
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ For surface mounted applications in order to optimize
board space
♦ Low profile package
♦ Built-in strain relief
♦ Glass passivated junction
♦ Low incremental surge resistance
♦ 600W peak pulse power capability with a 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
♦ Excellent clamping capability
♦ Fast response time: typically less than 1.0ps from 0 volts
to V(BR) for unidirectional and 5.0ns for bidirectional types
♦ For devices with V(BR)≥10V, ID are typically less
than 1.0
µA
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO214AA / DO215AA molded plastic body
over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: For unidirectional types the color band denotes the
cathode, which is postitive with respect to the anode under
normal TVS operation
Mounting Position: Any
Weight: 0.003 ounces, 0.093 gram
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use suffix C or CA for types SMB-5.0 thru SMB-170 (eg. SMBG5.0C, SMBJ170CA).
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
VALUE
UNITS
Peak pulse power dissipation with a 10/1000
µs waveform (NOTES 1, 2, FIG. 1)
PPPM
Minimum 600
Watts
Peak pulse current with a 10/1000
µs waveform (NOTE 1)
IPPM
SEE TABLE 1
Amps
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) (NOTES 2, 3) - unidirectional only
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 50A (NOTE 3) unidirectional only
VF
3.5
Volts
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig. 2
(2) Mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
(3) Measured on 8.3ms single half sine-wave. For uni-directional devices only.
0.160 (4.06)
0.180 (4.57)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.205 (5.21)
0.220 (5.59)
0.084 (2.13)
0.096 (2.44)
0.077 (1.95)
0.086 (2.20)
0.130 (3.30)
0.155 (3.94)
MAX.
0.280 (7.11)
0.260 (6.60)
0.016 (0.41)
0.006 (0.15)
0.020
(0.51)
MAX.
0.058 (1.47)
0.038 (0.97)
0.400 (10.16)
0.380 (9.64)
0.032 (8.10)
0.024 (6.10)
0.008 (0.20)
0.004 (0.10)
SEATING
PLANE
0.245 (6.22)
0.130 (5.72)
0.125 (3.17)
0.115 (2.92)
0.095 (2.41)
0.075 (1.90)
DO-215AA
GULL WING
DO-214AA
MODIFIED J-BEND
Dimensions in inches and (millimeters)
2/1/99


Similar Part No. - SMBJ100A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ100A MCC-SMBJ100A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Littelfuse
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Jinan Gude Electronic D...
SMBJ100A JGD-SMBJ100A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ100A VISHAY-SMBJ100A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
STMicroelectronics
SMBJ100A STMICROELECTRONICS-SMBJ100A Datasheet
133Kb / 10P
   Transil
More results

Similar Description - SMBJ100A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com