Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER101G Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # HER101G
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HER101G Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  HER101G Datasheet HTML 1Page - GOOD-ARK Electronics HER101G Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Symbols
HER
101G
HER
102G
HER
103G
HER
104G
HER
105G
HER
106G
HER
107G
HER
108G
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
210
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
300
400
600
800
1000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
A=50
I
(AV)
1.0
Amp
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A DC
V
F
1.0
1.3
1.5
1.7
Volts
Maximum full load reverse current average, full cycle
0.375" (9.5mm) lead length at T
L=55
I
R(AV)
100.0
A
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
I
R
5.0
A
Typical reverse recovery time (Note 1)
T
rr
50.0
75.0
nS
Typical junction capacitance (Note 2)
C
J
15
12
F
Operating and storage temperature range
T
J, TSTG
-65 to +150
Features
Mechanical Data
HER101G THRU HER108G
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Low power loss, high efficiency
Low leakage
Low forward voltage
High current capability
High speed switching
High surge capability
High reliability
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: MIL-STD-202E method 208C guaranteed
Mounting Position: Any
Weight: 0.012 ounce, 0.335 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-


Similar Part No. - HER101G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER101G JGD-HER101G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER101G MCC-HER101G Datasheet
437Kb / 3P
   1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
logo
SeCoS Halbleitertechnol...
HER101G SECOS-HER101G Datasheet
454Kb / 2P
   1.0 AMP Glass Passivated High Efficiency Rectifier
logo
Rugao Dachang Electroni...
HER101G DACHANG-HER101G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Lunsure Electr...
HER101G CHENYI-HER101G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER101G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER501G-508G ETC-HER501G-508G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER1601C MIC-HER1601C Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF801 MIC-HERF801 Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER201G RECTRON-HER201G Datasheet
46Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER151G MIC-HER151G Datasheet
55Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
HER101G SMCDIODE-HER101G Datasheet
386Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Rev. A
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER251G MIC-HER251G Datasheet
55Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com