Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER101 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # HER101
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HER101 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  HER101 Datasheet HTML 1Page - GOOD-ARK Electronics HER101 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Symbols
HER
101
HER
102
HER
103
HER
104
HER
105
HER
106
HER
107
HER
108
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
210
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
300
400
600
800
1000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
A=50
I
(AV)
1.0
Amp
Peak forward surge current,
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A DC
V
F
1.0
1.3
1.5
1.7
Volts
Maximum full load reverse current average, full cycle
0.375" (9.5mm) lead length at T
L=55
I
R(AV)
100.0
A
Maximum DC reverse current
at rated DC blocking voltage
T
A=25
I
R
5.0
A
Maximum reverse recovery time (Note 1)
T
rr
50
75
nS
Typical junction capacitance (Note 2)
C
J
15
12
F
Operating and storage temperature range
T
J, TSTG
-65 to +150
Features
Mechanical Data
HER101 THRU HER108
HIGH EFFICIENCY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Low power loss, high efficiency
Low leakage
Low forward voltage
High current capability
High speed switching
High surge capability
High reliability
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: MIL-STD-202E method 208C guaranteed
Mounting Position: Any
Weight: 0.012 ounce, 0.33 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-


Similar Part No. - HER101

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
Nanjing International G...
HER101 DGNJDZ-HER101 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
HER101 PFS-HER101 Datasheet
167Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Leshan Radio Company
HER101 LRC-HER101 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
logo
PACELEADER INDUSTRIAL
HER101 PACELEADER-HER101 Datasheet
1Mb / 2P
   1.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts2
More results

Similar Description - HER101

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com