Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPC6600-28 Datasheet(PDF) 1 Page - Marktech Corporate

Part # OPC6600-28
Description  Visible Red LED Chip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

OPC6600-28 Datasheet(HTML) 1 Page - Marktech Corporate

  OPC6600-28 Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All
operating parameters must be validated for each customer application by the customer.
Cathode Metalization: Gold Alloy
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Physical Characteristics & Structure
Electrical & Optical Characteristics (Ta = 25ºC)
Absolute Maximum Ratings (Ta = 25ºC)
Storage Temperature
Continuous Maximum Forward Current: 50mA (DC)
Reverse Voltage: 5V (IR=10uA)
while on mylar membrane: 0 to 40 ºC
after removal from mylar membrane: -30 to 100 ºC
2014-04-24
* LED chip is mounted on TO-18 gold header without resin coating.
Anode Metalization: Gold Alloy
Unit:um
N Electrode
Emission Area
P Electrode
P AlGaAs Cladding Layer
AlGaAs Active Layer
N AlGaAs Cladding Layer
Typ
280
Product No:
OPC6600-28
Forward Voltage
Vf
If=20mA
--
--
2.0
V
Reverse Voltage
Vr
Ir=10uA
5
--
--
V
Radiant Power*
Φe
If=20mA
1.0
--
--
mW
Peak Wavelength
λp
If=20mA
--
660
--
nm
Spectral Bandwidth at 50%
∆λ
If=20mA
--
30
--
nm
Material: AlGaAs
Bond Pad Size: 140um diameter
Junction Size: 280um x 280um
Thickness: 160um
SiN
Typ120
Radiation
Type
Electrodes
Visible Red Emitter
AlGaAs
N(Cathode)up
Visible Red LED Chip


Similar Part No. - OPC6600-28

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
OPC6600-28A MARKTECH-OPC6600-28A Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6600-28A MARKTECH-OPC6600-28A_15 Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6600-28B MARKTECH-OPC6600-28B Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6600-28B MARKTECH-OPC6600-28B_15 Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6600-28 MARKTECH-OPC6600-28_15 Datasheet
1Mb / 1P
   Visible Red LED Chip
More results

Similar Description - OPC6600-28

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
OPC6700-32 MARKTECH-OPC6700-32 Datasheet
899Kb / 1P
   Visible Red LED Chip
OPC6600-28 MARKTECH-OPC6600-28_15 Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC7000-32 MARKTECH-OPC7000-32_15 Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6600-28B MARKTECH-OPC6600-28B_15 Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6700-28A MARKTECH-OPC6700-28A Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC7000-32 MARKTECH-OPC7000-32 Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6700-28 MARKTECH-OPC6700-28_15 Datasheet
4Mb / 1P
   Visible Red LED Chip
OPC6700-32 MARKTECH-OPC6700-32_15 Datasheet
899Kb / 1P
   Visible Red LED Chip
OPC6600-28A MARKTECH-OPC6600-28A Datasheet
1Mb / 1P
   Visible Red LED Chip
OPC6600-28B MARKTECH-OPC6600-28B Datasheet
1Mb / 1P
   Visible Red LED Chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com