Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT65501 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PT65501
Description  Rotary code switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PT65501 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PT65501 Datasheet HTML 1Page - List of Unclassifed Manufacturers PT65501 Datasheet HTML 2Page - List of Unclassifed Manufacturers PT65501 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
F-4
APEM
www.apem.com
F
PT65 series
Rotary code switches
Through-hole
PT65
SERIES
Actuators
1
Screwdriver
3
Spindle
5
Segment wheel
7
Accessories
Terminals
(none)
Straight
L254
Right angle,
spacing 2,54 (.100)
L508
Right angle,
spacing 5,08 (.200)
Codes
01 BCD
02 BCD complement
03 Hexadecimal
06 Hexadecimal complement
ELECTRICAL SPECIFICATIONS
• Operating voltage : 24 VDC max.
• Contact load, static : 400mA max.
• Contact load, dynamic : 150mA max.
• Initial contact resistance : 80 mΩ max.
• Insulation resistance : 100 MΩ min.
MECHANICAL AND THERMAL SPECS
• Torque : 0,7 Ncm min.
• Expected life : 10.000 cycles min.
• Operating temperature :
-20°C to +70°C
SOLDER RECOMMENDATIONS
(DIN CEI 68-2-20)
• Manual soldering : 340°C max.for
2 seconds max.
• Wave soldering : 260°C max. for
10 seconds max.
DIMENSIONS
Screwdriver slot, straight terminals
MATERIALS
• Base : UL94-V0, high temperature thermoplastic
• Cover : UL94-V0, high temperature thermoplastic, grey
• Actuator : PA 4.6 nylon
• Contacts : gold over nickel plated phosphor bronze
• Terminals : tin plated
PACKAGING
• Switches for screwdriver slot or accessory actuation (PT651 and PT657) :
tubes of 50 pieces
• Switches with spindle (PT653) or segment wheel (PT655) : candy trays of
50 pieces
• Accessories : bags of 50 pieces
Dimensions : first dimensions are in mm while inches are shown as bracketed numbers.
0.55
(.022)
10.00
4.00
(.157)
(.393)
9 1
0
0.27
(.011)
7.62
(.300)
(.100)
2.54
18
CC
42
4 actuator types
Save board space
Highly reliable
Solder and flux sealed, washable
Outside
the US
and the
UK, this
series
is sold
as the
CR65
series
with a
blue case.
02-Serie CR65-PT65-A_02-Serie CR65-A 21/11/12 18:49 Page4


Similar Part No. - PT65501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT65501 ETC2-PT65501 Datasheet
126Kb / 3P
   4 actuator types
More results

Similar Description - PT65501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT65 ETC2-PT65 Datasheet
126Kb / 3P
   Rotary code switches
PT65705 ETC2-PT65705 Datasheet
126Kb / 3P
   Rotary code switches
P36S101 ETC2-P36S101 Datasheet
303Kb / 2P
   Low profile rotary code switches
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
   Wheel/Indicator Type Rotary DIP Code Switches
RDS10-112 PURDY-RDS10-112 Datasheet
151Kb / 2P
   Flat/Flush Shaft Type Rotary DIP Code Switches
logo
List of Unclassifed Man...
P25SMT101 ETC2-P25SMT101 Datasheet
686Kb / 2P
   Rotary Code Switch
P25SMJ801 ETC2-P25SMJ801 Datasheet
165Kb / 2P
   Rotary Code Switch
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com