Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2806-1-F3 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2806-1-F3
Description  HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2806-1-F3 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2806-1-F3 Datasheet HTML 2Page - California Eastern Labs PS2806-1-F3 Datasheet HTML 3Page - California Eastern Labs PS2806-1-F3 Datasheet HTML 4Page - California Eastern Labs PS2806-1-F3 Datasheet HTML 5Page - California Eastern Labs PS2806-1-F3 Datasheet HTML 6Page - California Eastern Labs PS2806-1-F3 Datasheet HTML 7Page - California Eastern Labs PS2806-1-F3 Datasheet HTML 8Page - California Eastern Labs PS2806-1-F3 Datasheet HTML 9Page - California Eastern Labs PS2806-1-F3 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PS2806-1,PS2806-4
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
PS2806-4
PS2806-1
0.8 mW/˚C
0.6 mW/˚C
25
50
75
100
100
80
60
40
20
0
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2806-1
PS2806-4
1.2 mW/˚C
25
50
75
100
120
100
80
60
40
20
0
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TA = +100 ˚C
+60 ˚C
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
0.7
0.9
1.1
1.3
1.5
1.4
1.2
1.0
0.8
100
10
50
1
0.1
0.5
5
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
80
40
60
20
0
–40
–60
–80
–20
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
IF = 10 mA
5 mA
1 mA
0.5 mA
0.2 mA
0.1 mA
200
100
50
10
5
1
0.5
0.2
1.6
0.4
0.6
0.8
1.0
1.2
1.4
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
VCE = 2 V
5 V
10 V
24 V
40 V
50
100
75
–25
0
25
–50
10 000
1 000
100
10
1
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Data Sheet PN10254EJ01V0DS
6


Similar Part No. - PS2806-1-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2806-1-F3 NEC-PS2806-1-F3 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS2806-1-F3 RENESAS-PS2806-1-F3 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2806-1-F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com