Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12K75RE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # D12K75RE
Description  Terminals suitable for soldering or bolt connection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

D12K75RE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  D12K75RE Datasheet HTML 1Page - Ohmite Mfg. Co. D12K75RE Datasheet HTML 2Page - Ohmite Mfg. Co. D12K75RE Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
109
L
D
C
=Standardvalues;checkavailabilityat
www.ohmite.com
1.0 –––1R0E       
2 –––2R0E       
3 –––3R0E
     
4 –––4R0E
5 –––5R0E         
7.5 –––7R5E  
10 –––10RE       
15 –––15RE  
20 –––20RE  
25 –––25RE       
50 –––50RE       
75 –––75RE   
100 –––100E       
150 –––150E   
200 –––200E    
250 –––250E       
300 –––300E    
400 –––400E    
500 –––500E        
750 –––750E    
800 –––800E
 
1,000 –––1K0E         
1,250 –––1K25E  
1,500 –––1K5E       
2,000 –––2K0E    
2,500 –––2K5E   
3,000 –––3K0E   
4,000 –––4K0E 
5,000 –––5K0E   
6,000 –––6K0E
7,000 –––7K0E  
7,500 –––7K5E   
10,000 –––10KE      
12,000 –––12KE
15,000 –––15KE
 
20,000 –––20KE
  
25,000 –––25KE
 
50,000 –––50KE
100,000 –––100KE 
Wattage
Wattage
Wattage
Part No.
Prefix
Suffix
Part No.
Prefix
Suffix
Part No.
Prefix
Suffix
See 270 series custom core
and terminal info
Tolerance
J= 5%
K= 10%
Ohms
1R0 = 1Ω
250 = 250Ω
1K0 = 1,000Ω
25K = 25,000Ω
25K5 = 25,500Ω
RoHS Compliant
Series Wattage
Coating
Blank =Vitreous
C= Centohm
S= Silicone
50K
Ω and 100KΩ resistance values involve very fine resistance wire and should not be
used in critical applications without burn-in and/or thermal cycling.
Tolerance
J = 5%
K = 10%
Core Diameter
See “Core and
Terminal Selection”
Ohms
R500 = 0.500Ω
1R00 = 1Ω
250R = 250Ω
1K00 = 1,000Ω
25K0 = 25,000Ω
25K5 = 25,500Ω
RoHS Compliant
Coating
210 = Vitreous
410 = Silicone Ceramic
610 = Centohm
Wattage
Terminal Type
See “Resistor Terminals
for Tubular Cores”
Series
Wattage
L
D
C
Core Code
Standard Terminal
D12
12
1.75 / 44.4
0.313 / 7.94
0.188 / 4.76
D
57
D25
25
2.0 / 50.8
0.562 / 14.3
0.313 / 7.94
K
40
D50
50
4.0 / 101.6
0.562 / 14.3
0.313 / 7.94
K
40
D75
75
6.0 / 152.4
0.562 / 14.3
0.313 / 7.94
K
40
D100
100
6.5 / 165.1
0.750 / 19.1
0.50 / 12.7
M
40
D175
175
8.5 / 215.9
1.125 / 28.6
0.75 / 19.1
P
46
D225
225
10.5 / 266.7
1.125 / 28.6
0.75 / 19.1
P
46
D500
500
12.0 / 304.8
2.50 / 63.5
1.75 / 44.5
S
45
D1000 1000
20.0 / 508.0
2.50 / 63.5
1.75 / 44.5
S
45
210 Series
Dividohm® Vitreous Enamel
Adjustable Power
dime NS i ONS
(in. / mm)
O rderi N g i NFO rmati ON
Made-to-order Parts
Standard Values


Similar Part No. - D12K75RE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D12 OHMITE-D12 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
Bi technologies
D12-1C BITECH-D12-1C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
D12-2C BITECH-D12-2C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
D12-3C BITECH-D12-3C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
logo
Skynet Electronic Copyr...
D12-AX25 SKYNET-D12-AX25 Datasheet
302Kb / 4P
   Industrial PC
More results

Similar Description - D12K75RE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
L25J1R0E OHMITE-L25J1R0E Datasheet
180Kb / 1P
   Terminals suitable for soldering or bolt connection
logo
OSRAM GmbH
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Vanlong Technology Co.,...
MD-MP VANLONG-MD-MP Datasheet
52Kb / 1P
   Suitable for surface mount and reflow soldering
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com