Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM513 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # EM513
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

EM513 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  EM513 Datasheet HTML 1Page - GOOD-ARK Electronics EM513 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC
(2) Thermal resistance junction to ambient and from junction to lead at 0.375” (9.5mm) lead length, P.C.B. mounted
Symbols
BY127
BY133
EM513
EM516
Units
Maximum repetitive peak reverse voltage
V
RRM
1250
1300
1600
1800
Volts
Maximum RMS voltage
V
RMS
875
910
1120
1270
Volts
Maximum DC blocking voltage
V
DC
1250
1300
1600
1800
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
A=75
I
(AV)
1.0
Amp
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum forward voltage at 1.0A DC and 25
V
F
1.1
Volts
Maximum full load reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
5.0
200.0
A
Typical junction capacitance (Note 1)
C
J
15.0
F
Typical thermal resistance (Note 2)
R
JA
R
JL
50.0
25.0
/W
Operating and storage temperature range
T
J, TSTG
-55 to +150
Features
BY127, BY133, EM513, EM516
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 1250 to 1800 Volts
Forward Current - 1.0 Ampere
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free molded plastic technique
Low reverse leakage
Low forward voltage drop
High current capability
High reliability
High surge current capability
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Case: Molded plastic, DO-41
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.33 gram
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-


Similar Part No. - EM513

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
EM513 PANJIT-EM513 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
First Components Intern...
EM513 FCI-EM513 Datasheet
232Kb / 2P
   1.0 Amp Surface Mount Glass Passivated Diode
logo
SEMTECH ELECTRONICS LTD...
EM513 SEMTECH_ELEC-EM513 Datasheet
185Kb / 2P
   SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
EM513 SHUNYE-EM513 Datasheet
231Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Bytes
EM513 BYTES-EM513 Datasheet
151Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results

Similar Description - EM513

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com