Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTPS9067MC Datasheet(PDF) 1 Page - Marktech Corporate

Part No. MTPS9067MC
Description  Visible Red Point Source Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MARKTECH [Marktech Corporate]
Homepage  http://www.marktechopto.com
Logo 

MTPS9067MC Datasheet(HTML) 1 Page - Marktech Corporate

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
50
mA
Forward Current (Pulse)*1
IFP
0.15
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
100
mW
Operating Temperature Range
Topr
-20 ~ +85
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Peak Emission Wavelength: 650nm
The 650nm Point Source Series is designed for applications requiring high accurary and precision. Custom
package solutions and sorting are available.
FEATURES
> 3.5×2.2×1.24 Flat Top Ceramic SMT
> Emitting Window Diameter Ф 150μm
> High Reliability / High Output Power
APPLICATIONS
> Optical Sensing / Optical Instruments
> Linear & Rotary Encoder
> Machine Vision / CCD
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=20mA
--
0.7
--
mW
Forward Voltage
VF
IF=20mA
--
2.2
2.5
V
Reverse Current
IR
VR=5V
--
--
10
μA
Peak Emission Wavelength
λp
IF=20mA
--
650
--
nm
Spectral Line Half Width
λ
IF=20mA
--
20
--
nm
Half Intensity Beam Angle
Ө
IF=20mA
--
±50
--
deg
Visible Red Point Source Emitter
Product No:
MTPS9067MC
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-06-02
*1: Tw=10μsec, T=10msec.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn