Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


J06B0B20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. J06B0B20
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
F E A T U R E S & B E N E F I T S
ED795 R10 – Updated February 2013 – For latest specs visit www.legrand.us/wiremold
Wiremold® Plug-In Outlet Center Units bring power
safely and conveniently to wherever you need it. These
units are ideal for use in a wide variety of settings,
including relay racks and cabinets, laboratories,
workshops, classrooms and offices.
Plug-In Outlet Center Units include rack mount,
Cabinet-MATE, compact, 90 degree, deluxe control,
industrial, and international units. Most units are
available in both 15 and 20 Amp configurations.
Wiremold also offers extensive custom capabilities
for Plug-In Outlet Center Units. Contact the factory for
more information.
Plug-In Outlet Center® Units
■ User-ready outlets. Plug-In Outlet Center units provide
power distribution in a portable, plug-in unit.
■ Rugged construction. Durable 2" x 1 3/4" [44mm x 51mm]
or 3 1/2" x 2" [89mm x 44mm] aluminum housing. Some
Plug-In Outlet Center units are available with an impact-
resistant plastic housing.
■ Space saving. Rack mount units fit standard 19" [482mm]
relay racks. Compact 1U design takes up minimum space.
23" [584mm] units available, consult factory.
■ Low profile. CabinetMATE units offer a narrow 1 1/2"
x 1 3/16" [38mm x 20mm] aluminum housing.
■ Aesthetically pleasing. Rack mount units have a black
matte finish and a black cord. CabinetMATE, compact
and industrial units have a gray finish and a black cord.
Deluxe control and 20A units have a putty white finish
and a black cord. Most units with a putty white finish
have a putty white cord. Special Use units have a
white finish and a white cord.
■ Flexible mounting. Each unit features one of four
different mounting types. Each mounting method has
been designed to optimize the performance of the
product. Complete mounting hardware and installation
instructions are included with every unit.
■ Cord properly rated to load requirements. 15A units
have a 14/3 SJT cord and a NEMA 5-15P plug. 20A
units have a 12/3 SJT cord and a NEMA 5-20P or
NEMA L5-20P plug.
■ Lighted switch. Most units have lighted on/off
switch(es) to control power to the unit.
■ Resettable circuit breaker. Provides overload protection.
■ Two-Year product warranty.
■ UL and cUL Listed or Recognized. Units are UL and cUL
Listed to UL1363 standards. Rack mount units are UL and
cUL Recognized to UL1363 standards.
Plug-In Outlet
Center
® Units
J08B0B (Front & Back)
UL207BC
J06BOB20X-AM (Front)
P6




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl