Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-2-CR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R-2-CR
Description  Size 2 .100 Centers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R-2-CR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R-2-CR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70
70
Interconnect Devices, Inc. welcomes your e-mail at info@idinet.com
Series S s
ize
2 .100 centers
beCu Plunger tiPS
S-2 Probe
Minimum Centers: .100 (2.54)
Current Rating: 3 amps
continuous
Spring Force: 4.0, 7.0, 8.3
or 10.0 oz. @ .100 (2.54)
travel
Typical Resistance: < 35 mΩ
Maximum Travel: .160 (4.06)
Working Travel: .100 (2.54)
Rated Force Preload Material
oz (g)
oz (g)
4.0 (113)
1.6 (45)
BeCu
7.0 (198)
2.9 (82)
SS
8.3 (235)
3.3 (93)
MW
10.0 (283)
3.9 (110)
MW
Barrel: Nickel/silver, gold plated
Spring: Beryllium copper,
precious metal plated,
music wire or stainless steel,
gold plated
Plunger: Beryllium copper,
gold plated over nickel or
Duralloy
Receptacle: Nickel/silver, gold
plated; gold plated post
.230
(5.84)
.058
(1.47)
.071
+.003
-.000
(1.80)
.047
(1.19)
.728
(18.49)
.930
(23.62)
.066
(1.68)
I.D.
Drill Size: #50
Mounting Hole Size:
.068/.070 (1.73/1.78)
Recommended Wire: 22-26 gage
R-2 Receptacle
.240
(6.10)
.080
(2.03)
.075
(1.91)
.040
(1.02)
.054
(1.37)
.970
(24.64)
A
B
C
D
E
F
G
H
J
K
T
V
X
How to order: SPring ContaCt Probe
reCePtaCle
View uPdateS oF tHiS inFormation at www.idinet.Com
Plating oPtions:
G: Gold plated plunGer
D: duralloyplated
plunGer
Post length:
WW: 429
terMinations:
cr: Crimp
sc: Solder Cup
rP: round poSt
WW: Wire Wrap
criMPing Pliers: Cp2
insertion tool: rt2
sPring force:
4.0 oz. @ .100 (2.54) travel
7.0 oz. @ .100 (2.54) travel
8.3 oz. @ .100 (2.54) travel
10.0 oz. @ .100 (2.54) travel
Probe sPecifications
Materials
Part Number
Style
Receptacle
Probe/Receptacle
Comments
Length
Combined Length
R-2-CR
Crimp
0.930 (23.62)
1.170 (29.72)
R-2-SC
Solder Cup
0.930 (23.62)
1.170 (29.72)
R-2-RP
Round Post
1.305 (31.15)
1.545 (39.24)
.375 post length - .025 dia.
R-2-WW-429
Wire Wrap
1.359 (34.52)
1.599 (40.61)
.429 post length - .025 sq.
reCePtaCle oPtionS
terMination
Post
length
series
series
size
sPring
force
Plating
oPtions
tiP
style
s
2
4
g
a
2
WW
429
size
r
Specifications subject to change without notice. Dimensions in inches (millimeters)
90°
30°
90°
45°
60°
A
B
C
D
E
F
G
H
J
K
T
V
X
.075
(1.91)
.040
(1.02)
.040
(1.02)
.050
(1.27)
.075
(1.91)
.075
(1.91)
.040
(1.02)
.075
(1.91)
.040
(1.02)
.075
(1.91)
.075
(1.91)
.060
(1.52)
.060
(1.52)
series:
S: Standard
SX: improved pointinG
aCCuraCy


Similar Part No. - R-2-CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R-2-CR ETC2-R-2-CR Datasheet
302Kb / 1P
   Probe Specifications
R-2-CR ETC2-R-2-CR Datasheet
302Kb / 1P
   Size 2 .100 Centers
More results

Similar Description - R-2-CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-2-E-4-G ETC2-S-2-E-4-G Datasheet
302Kb / 1P
   Size 2 .100 Centers
S-3-H-7-G ETC2-S-3-H-7-G Datasheet
136Kb / 1P
   SIZE 3 125 CENTERS
logo
Molex Electronics Ltd.
022022025 MOLEX-022022025 Datasheet
89Kb / 1P
   HOUSING ASSEMBLY 100 CENTERS PC TAIL
9/30/94
logo
List of Unclassifed Man...
PBC08DAAN ETC2-PBC08DAAN Datasheet
111Kb / 2P
   .100 2.54mm Contact Centers, Male Breakaway Header
EZC05DREH ETC1-EZC05DREH Datasheet
177Kb / 2P
   .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
logo
Laird Tech Smart Techno...
OC51505H LSTD-OC51505H Datasheet
575Kb / 1P
   Transportation centers
logo
List of Unclassifed Man...
22-11-2021 ETC2-22-11-2021 Datasheet
339Kb / 3P
   KK HEDAER (2.54)/.100 CENTERS 403- WITH VOIDS
logo
Eaton All Rights Reserv...
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
   5.00 Centers; Modular
EM2919 EATON-EM2919 Datasheet
984Kb / 1P
   9.52 Centers; Modular
EM3660 EATON-EM3660 Datasheet
848Kb / 1P
   5.00 Centers; Modular
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com