Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT1048ATA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FZT1048ATA
Description  17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT1048ATA Datasheet(HTML) 6 Page - Diodes Incorporated

  FZT1048ATA Datasheet HTML 1Page - Diodes Incorporated FZT1048ATA Datasheet HTML 2Page - Diodes Incorporated FZT1048ATA Datasheet HTML 3Page - Diodes Incorporated FZT1048ATA Datasheet HTML 4Page - Diodes Incorporated FZT1048ATA Datasheet HTML 5Page - Diodes Incorporated FZT1048ATA Datasheet HTML 6Page - Diodes Incorporated FZT1048ATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FZT1048A
Document Number DS33182 Rev. 2 - 2
6 of 7
www.diodes.com
July 2014
© Diodes Incorporated
FZT1048A
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010 0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
4.60
e1
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
A1
A
X2
C1
C2
X1
Y2
Y1


Similar Part No. - FZT1048ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT1048ATA DIODES-FZT1048ATA Datasheet
676Kb / 7P
   17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
More results

Similar Description - FZT1048ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT1048A DIODES-FZT1048A_15 Datasheet
506Kb / 7P
   17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1048A DIODES-FZT1048A_18 Datasheet
676Kb / 7P
   17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT692BQ DIODES-FZT692BQ Datasheet
865Kb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
February 2022 Rev. 1 - 2
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT692BTA DIODES-FZT692BTA Datasheet
1Mb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1051ATA DIODES-FZT1051ATA Datasheet
901Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com