Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD5N20 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQD5N20
Description  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5N20 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQD5N20 Datasheet HTML 1Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 2Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 3Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 4Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 5Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 6Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 7Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 8Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./0/Ω, 1 
,.200.2µ /3/1 
"  !"  00µ 4%(%(  5
6 %   7   # 


 





D+
 D>+ 
+-*+5-)6*µ%
)**


+
∆D+
$∆
D>+ 
 
5-)6*µ%, )67

* )

+$7
5
E:+ 
+-)**++-*+


.
µ%
+-.2*+-.)67


.*
µ%
5
:D0>
+-'*++-*+


.**
%
5
:D0>,!
+-'*++-*+


.**
%
 
+
: + 
+-+5-)6*µ%
' *

6 *
+
,
  
, 
+-.*+5-. A%

* A2
. )

   
+-8*+5-. A%

) (6


 

5  
+-)6++-*+
-. *F#


).*
)=*


  

8*
6*


,!  

2
(

   

 
+-.**+5-8 6%
,-)6Ω


=
)6


,

66
.)*


 

A
'*


 

)6
2*

G
 :
+-.2*+5-8 6%
+-.*+


2 *
= 6

G
: 

. 6


G
:

) )


     
5
C 


' (
%
5
C9  


.6 )
%
+
 + 
+-*+5-' (%


. 6
+

,!, !
+-*+5-8 6%
5$-.**%$µ

A6


G
,!, !

* '

µ


Similar Part No. - FQD5N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N20 FAIRCHILD-FQD5N20 Datasheet
695Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD5N20 ISC-FQD5N20 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L Datasheet
529Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

Similar Description - FQD5N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com