Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E229 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # E229
Description  Rectangular LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E229 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  E229 Datasheet HTML 1Page - Gilway Technical Lamp E229 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
C
RED
RED
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 10mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
6
E222
Diffused
0.5mcd
2.0mcd
110°
2.0V
2.5V
700nm
C
7
E226
Diffused
40.0mcd
80.0mcd
110°
1.85V
2.5V
660nm
C
8
E236
Diffused
3.2mcd
12.5mcd
110°
2.0V
2.6V
610nm
C
9
E224
Diffused
2.0mcd
8.0mcd
110°
2.1V
2.5V
590nm
C
10
E225
Diffused
2.0mcd
8.0mcd
110°
2.2V
2.5V
565nm
C
1M A X
.5
2.54
1.5
CATHODE
27 MIN
7
2
5
YELLOW
GREEN
ORANGE
Rectangular LEDs (2x5)
RED &
GREEN
A
Rectangular Bi-Color LED (Three Leads)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Leads
Drawing
1
E214
White
30mcd
70mcd
110°
1.85V
2.5V
660nm
1. Red Anode
A
Diffused
8mcd
20mcd
110°
2.2V
2.5V
565nm
2. Cathode
3. Green Anode


Similar Part No. - E229

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E22 GILWAY-E22 Datasheet
129Kb / 3P
   T-1 and T-1 3/4, Infrared LEDs
logo
List of Unclassifed Man...
E22 ETC2-E22 Datasheet
73Kb / 4P
   Thermal Cutouts Temperature Protection for Electronics
logo
ZF Friedrichshafen AG
E22 ZFSWITCHES-E22 Datasheet
1Mb / 5P
   High temperature versions optional
logo
Omron Electronics LLC
E22-01 OMRON-E22-01 Datasheet
374Kb / 4P
   Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Ferroxcube Internationa...
E22-3C90 FERROXCUBE-E22-3C90 Datasheet
67Kb / 7P
   Planar E cores and accessories
More results

Similar Description - E229

ManufacturerPart #DatasheetDescription
logo
Rohm
SLB-24 ROHM-SLB-24 Datasheet
185Kb / 6P
   Rectangular LEDs
logo
Cree, Inc
CXXXXR230-SXX00-A CREE-CXXXXR230-SXX00-A Datasheet
239Kb / 4P
   XT??Rectangular LEDs
CXXXXR230-SXX00-X CREE-CXXXXR230-SXX00-X Datasheet
232Kb / 4P
   XT??Rectangular LEDs
logo
Marktech Corporate
MT1152-RG MARKTECH-MT1152-RG Datasheet
31Kb / 1P
   Marktech Rectangular 2x5mm LEDs
logo
Sanken electric
SEL5020 SANKEN-SEL5020_08 Datasheet
431Kb / 2P
   5mm Pitch Lead Rectangular LEDs
logo
Marktech Corporate
MT1173-RG MARKTECH-MT1173-RG Datasheet
35Kb / 1P
   Marktech Rectangular Reflector Cap LEDs
MT2053-RG MARKTECH-MT2053-RG Datasheet
33Kb / 1P
   Marktech Rectangular Bi?묬olor 2 Leaded LEDs
logo
LUMEX INC.
SSA-LXB1027-3I7GD LUMEX-SSA-LXB1027-3I7GD Datasheet
60Kb / 1P
   LED Array 10 Unit 2.5mm X 7mm Rectangular Leds
SSA-LXH1025G7H3D LUMEX-SSA-LXH1025G7H3D Datasheet
83Kb / 1P
   10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS
SSA-LXH1025G4Y3I3D LUMEX-SSA-LXH1025G4Y3I3D Datasheet
95Kb / 1P
   10 Unit LED Array 2.5mm X 5mm RECTANGULAR LEDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com