Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

52-PV5S24017 Datasheet(PDF) 1 Page - E-SWITCH

Part No. 52-PV5S24017
Description  HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-SWITCH [E-SWITCH]
Homepage  http://www.e-switch.com
Logo 

52-PV5S24017 Datasheet(HTML) 1 Page - E-SWITCH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV5S24017
12/3/2012
52-PV5S24017
A
EBP
1
1
PANEL MOUNTING
MAX. PANEL THICKNESS 4mm
1
2
2
A
20901
RELEASE FOR PRODUCTION
12/3/12
EBP
n17.50
[.689 in]
n12.10
[.476 in]
7.20 `.50
.283 `.020 in
[
]
8.50 `.50
.335 `.020 in
[
]
12.30 `.50
.484 `.020 in
[
]
5.10
[.201 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CIRCUIT: SPST, OFF- (ON)
5. CONTACT MATERIAL: SILVER
6. RATING: 2A @ 48 VDC
7. ELECTRICAL LIFE: 200,000 CYCLES
8. CONTACT RESISTANCE: 50 mΩ MAX. @ 1A 12VDC (INITIAL)
9. INSULATION RESISTANCE: 1,000 MΩ MIN. @ 500VDC.
10. DIELECTRIC STRENGTH: 2,000 VAC rms.
11. OPERATING TEMPERATURE: -20°C TO +70°C.
12. INGRESS PROTECTION: IP65
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT
15. HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
1
2
CIRCUIT: SPST
SPHERICAL ACTUATOR
COLOR: BLUE
M12x1.0
THREAD
BODY COLOR:
BLACK
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-2
(ON) = MOMENTARY
10.60
[.417 in]
FLAT
6.50
[.256 in]
4.20
[.165 in]
2.00
[.079 in]
n12.00
[.472 in]
10.80
[.425 in]
.50
[.020 in]
.80
[.031 in]


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn