Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52-PV5S240S8 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV5S240S8
Description  HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV5S240S8 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV5S240S8 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV5S240S8
4/15/2014
52-PV5S240S8
A
EBP
1
1
PANEL MOUNTING
MAX. PANEL THICKNESS 4mm
1
2
2
A
21436
RELEASE FOR PRODUCTION
4/15/14
EBP
n17.50
[.689 in]
n12.10
[.476 in]
7.20 `.50
.283 `.020 in
[
]
8.40 `.50
.331 `.020 in
[
]
12.10 `.50
.476 `.020 in
[
]
5.10
[.201 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CIRCUIT: SPST, OFF- (ON)
5. CONTACT MATERIAL: SILVER
6. RATING: 2A @ 48 VDC
7. ELECTRICAL LIFE: 200,000 CYCLES
8. CONTACT RESISTANCE: 50 m
MAX. @ 1A 12VDC (INITIAL)
9. INSULATION RESISTANCE: 1,000 M
MIN. @ 500VDC.
10. DIELECTRIC STRENGTH: 2,000 VAC rms.
11. OPERATING TEMPERATURE: -20°C TO +70°C.
12. PANEL THICKNESS MAX: 4.0 mm.
13. INGRESS PROTECTION: IP65
14.
DENOTES CRITICAL PARAMETER.
15. 2002/95/EC (ROHS) COMPLIANT
16. HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
1
2
CIRCUIT: SPST
GREEN
DOMED ACTUATOR
M12x1.0
THREAD
STAINLESS STEEL
BODY
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-2
(ON) = MOMENTARY
6.50
[.256 in]
4.20
[.165 in]
2.00
[.079 in]
n12.00
[.472 in]
.50
[.020 in]
.80
[.031 in]


Similar Part No. - 52-PV5S240S8

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV5S240S6 E-SWITCH-52-PV5S240S6 Datasheet
147Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5S240S9 E-SWITCH-52-PV5S240S9 Datasheet
147Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5S240S9 E-SWITCH-52-PV5S240S9_15 Datasheet
147Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
52-PV5S240SS E-SWITCH-52-PV5S240SS Datasheet
153Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
More results

Similar Description - 52-PV5S240S8

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV5S24019 E-SWITCH-52-PV5S24019 Datasheet
132Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5H240SS E-SWITCH-52-PV5H240SS Datasheet
159Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5H24018 E-SWITCH-52-PV5H24018 Datasheet
168Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5S24011 E-SWITCH-52-PV5S24011 Datasheet
128Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5S24016 E-SWITCH-52-PV5S24016 Datasheet
172Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5S24017 E-SWITCH-52-PV5S24017 Datasheet
132Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5H24019 E-SWITCH-52-PV5H24019 Datasheet
169Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5S240S9 E-SWITCH-52-PV5S240S9 Datasheet
147Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5S240S6 E-SWITCH-52-PV5S240S6 Datasheet
147Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
52-PV5S240SS E-SWITCH-52-PV5S240SS Datasheet
153Kb / 1P
   HARDWARE INCLUDED, 1 O-RING & 1 HEX NUT.(NOT SHOWN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com