Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08060 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC08060
Description  8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08060 Datasheet(HTML) 1 Page - Texas Instruments

  ADC08060_14 Datasheet HTML 1Page - Texas Instruments ADC08060_14 Datasheet HTML 2Page - Texas Instruments ADC08060_14 Datasheet HTML 3Page - Texas Instruments ADC08060_14 Datasheet HTML 4Page - Texas Instruments ADC08060_14 Datasheet HTML 5Page - Texas Instruments ADC08060_14 Datasheet HTML 6Page - Texas Instruments ADC08060_14 Datasheet HTML 7Page - Texas Instruments ADC08060_14 Datasheet HTML 8Page - Texas Instruments ADC08060_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ADC08060
www.ti.com
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sample-
and-Hold
Check for Samples: ADC08060
1
FEATURES
DESCRIPTION
The ADC08060 is a low-power, 8-bit, monolithic
2
Single-Ended Input
analog-to-digital converter with an on-chip track-and-
Internal Sample-and-Hold Function
hold circuit. Optimized for low cost, low power, small
Low Voltage (Single +3V) Operation
size and ease of use, this product operates at
conversion rates of 20 MSPS to 70 MSPS with
Small Package
outstanding
dynamic
performance
over
its
full
Power-Down Feature
operating range while consuming just 1.3 mW per
MHz of clock frequency. That's just 78 mW of power
KEY SPECIFICATION
at 60 MSPS. Raising the PD pin puts the ADC08060
into a Power Down mode where it consumes just 1
Resolution: 8 bits
mW.
Maximum Sampling Frequency: 60 MSPS (min)
The unique architecture achieves 7.5 Effective Bits
DNL: 0.4 LSB(typ)
with 25 MHz input frequency. The excellent DC and
ENOB 7.5bits (typ) at fIN = 25 MHz
AC characteristics of this device, together with its low
THD: -60 dB (typ)
power consumption and single +3V supply operation,
make
it
ideally
suited
for
many
imaging
and
Power Consumption
communications
applications,
including
use
in
Operating: 1.3 mW/MSPS (typ)
portable equipment. Furthermore, the ADC08060 is
Power Down Mode: 1 mW (typ)
resistant to latch-up and the outputs are short-circuit
proof. The top and bottom of the ADC08060's
APPLICATIONS
reference
ladder
are
available
for
connections,
enabling a wide range of input possibilities. The
Digital Imaging Systems
digital outputs are TTL/CMOS compatible with a
Communication Systems
separate
output
power
supply
pin
to
support
interfacing with 3V or 2.5V logic. The output coding is
Portable Instrumentation
straight binary and the digital inputs (CLK and PD)
Viterbi Decoders
are TTL/CMOS compatible.
Set-Top Boxes
The ADC08060 is offered in a 24-lead TSSOP
package
and
is
specified
over
the
industrial
temperature range of
−40°C to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC08060_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060CIMT NSC-ADC08060CIMT Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060CIMT NSC-ADC08060CIMT Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060CIMTX NSC-ADC08060CIMTX Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060EVAL NSC-ADC08060EVAL Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC08060_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com