Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10738 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10738
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10738 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC10738 Datasheet HTML 2Page - Texas Instruments ADC10738 Datasheet HTML 3Page - Texas Instruments ADC10738 Datasheet HTML 4Page - Texas Instruments ADC10738 Datasheet HTML 5Page - Texas Instruments ADC10738 Datasheet HTML 6Page - Texas Instruments ADC10738 Datasheet HTML 7Page - Texas Instruments ADC10738 Datasheet HTML 8Page - Texas Instruments ADC10738 Datasheet HTML 9Page - Texas Instruments ADC10738 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ADC10731, ADC10732, ADC10734, ADC10738
SNAS081D – MAY 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for V
+ = AV+ = DV+ = +5.0 V
DC, VREF+ = 2.5 VDC, VREF− = GND, VIN− = 2.5V for Signed
Characteristics, VIN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C.
(1)(2)(3)(4)
Units
Parameter
Test Conditions
Typ(5)
Limits(6)
(Limits)
DYNAMIC UNSIGNED CONVERTER CHARACTERISTIC
VREF+ = 4.096V,
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
VIN = 4.0 VPP, and
60
dB
fIN =1 kHz to 15 kHz
VREF+ = 4.096V,
ENOB
Effective Bits
VIN = 4.0 VPP, and
9.8
Bits
fIN = 1 kHz to 15 kHz
VREF+ = 4.096V,
THD
Total Harmonic Distortion
VIN = 4.0 VPP, and
−70
dB
fIN = 1 kHz to 15 kHz
VREF+ = 4.096V,
IMD
Intermodulation Distortion
VIN = 4.0 VPP, and
−73
dB
fIN = 1 kHz to 15 kHz
VIN = 4.0 VPP,
VREF+ = 4.096V,
Full-Power Bandwidth
380
kHz
where S/(N+D) decreases
3 dB
fIN = 15 kHz,
Multiplexer Chan to Chan Crosstalk
−80
dB
VREF+ = 4.096V
REFERENCE INPUT AND MULTIPLEXER CHARACTERISTICS
7
k
Ω
Reference Input Resistance
5.0
k
Ω(min)
9.5
k
Ω(max)
CREF
Reference Input Capacitance
70
pF
−50
mV (min)
MUX Input Voltage
AV+ + 50mV
(max)
CIM
MUX Input Capacitance
47
pF
On Channel = 5V and
−0.4
−3.0
μA (max)
Off Channel = 0V
Off Channel Leakage Current(9)
On Channel = 0V and
0.4
3.0
μA (max)
Off Channel = 5V
On Channel = 5V and
0.4
3.0
μA (max)
Off Channel = 0V
On Channel Leakage Current(9)
On Channel = 0V and
−0.4
−3.0
μA (max)
Off Channel = 5V
REFERENCE CHARACTERISTICS
VREFOut
Reference Output Voltage
2.5V ±0.5%
2.5V ±2%
V (max)
ΔVREF
VREFOut Temperature Coefficient
±40
ppm/°C
T
ΔVREF/ΔI
%/mA
Load Regulation, Sourcing
0 mA
≤ IL ≤ +4 mA
±0.003
±0.05
L
(max)
ΔVREF/ΔI
%/mA
Load Regulation, Sinking
0 mA
≤ IL ≤ −1 mA
±0.2
±0.6
L
(max)
Line Regulation
5V ±10%
±0.3
±2.5
mV (max)
ISC
Short Circuit Current
VREFOut = 0V
13
22
mA (max)
10 Hz to 10 kHz,
Noise Voltage
5
μV
CL = 100 μF
ΔVREF/Δt Long-term Stability
±120
ppm/kHr
tSU
Start-Up Time
CL = 100 μF
100
ms
(9)
Channel leakage current is measured after the channel selection.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10731 ADC10732 ADC10734 ADC10738


Similar Part No. - ADC10738

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10738 NSC-ADC10738 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10738 TI1-ADC10738 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10738CIWM NSC-ADC10738CIWM Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC10738CIWM NSC-ADC10738CIWM Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10738CIWM TI1-ADC10738CIWM Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
More results

Similar Description - ADC10738

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com