Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2N4401 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # G2N4401
Description  The G2N4401 is designed for general purpose switching and amplifier applications.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G2N4401 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  G2N4401 Datasheet HTML 1Page - E-Tech Electronics LTD G2N4401 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
G2N4401
Page: 1/2
ISSUED DATE :2004/04/23
REVISED DATE :2004/11/29B
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
G2N4401
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G2N4401 is designed for general purpose switching and amplifier applications.
Features
*Complementary to G2N4403
*High Power Dissipation: 625mW at 25
*High DC Current Gain: 100-300 at 150mA
*High Breakdown Voltage: 40V Min
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
40
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
600
mA
Total Power Dissipation
PD
625
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA
BVCEO
40
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=10uA
ICEX
-
-
100
nA
VCE=35V, VBE= 0.4V
*VCE(sat)1
-
-
400
mV
IC=150mA, IB=15mA
*VCE(sat)2
-
-
750
mV
IC=500mA, IB=50mA
*VBE(sat)1
750
-
950
mV
IC=150mA, IB=15mA
*VBE(sat)2
-
-
1.2
V
IC=500mA, IB=50mA
*hFE1
20
-
-
VCE=1V, IB=0.1mA
*hFE2
40
-
-
VCE=1V, IC=1mA
*hFE3
80
-
-
VCE=1V, IC=10mA
*hFE4
100
-
300
VCE=1V, IC=150mA
*hFE5
40
-
-
VCE=2V, IC=500mA
fT
250
-
-
MHz
VCE=10V, IC=20mA, f=100MHz
Cob
-
-
6.5
pF
VCB=5V, f=1MHz
Classification Of hFE4
* Pulse Test: Pulse Width 380us, Duty Cycle 2%
Rank
A
B
Range
100-210
190-300
TO-92


Similar Part No. - G2N4401

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N4401 GTM-G2N4401 Datasheet
130Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - G2N4401

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G2N4403 ETL-G2N4403 Datasheet
113Kb / 2P
   The G2N4403 is designed for general purpose switching and amplifier applications.
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
   The G2N3906 is designed for general purpose switching and amplifier applications
G2N5551 ETL-G2N5551 Datasheet
154Kb / 3P
   The G2N5551 is designed for general purpose switching and amplifier applications.
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
   The G2N3904 is designed for general purpose switching and amplifier applications.
G1270 ETL-G1270 Datasheet
171Kb / 2P
   The G1270 is designed for general purpose switching and amplifier applications
GSA1625 ETL-GSA1625 Datasheet
416Kb / 2P
   The GSA1625 is designed for general purpose amplifier and high speed switching applications.
G6718 ETL-G6718 Datasheet
162Kb / 2P
   The G6718 is designed for general purpose medium power amplifier and switching applications
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
   The GMBTA06 is designed for general purpose amplifier applications
G9014 ETL-G9014 Datasheet
184Kb / 3P
   The G9014 is designed for general purpose amplifier applications
GMSD1664 ETL-GMSD1664 Datasheet
193Kb / 2P
   The GMSD1664 is designed for general purpose amplifier applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com