Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMZJ3793A Datasheet(PDF) 2 Page - General Semiconductor

Part # SMZJ3793A
Description  SURFACE MOUNT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SMZJ3793A Datasheet(HTML) 2 Page - General Semiconductor

  SMZJ3793A Datasheet HTML 1Page - General Semiconductor SMZJ3793A Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
50
75
100
125
150
175
0
0.5
1.0
1.5
2.0
0.5
1
10
100
500
1
10
100
1,000
100
2
10
100
200
100
10
100
10
10
RATINGS AND CHARACTERISTIC CURVES SMZG,J3789 THRU SMZG,J3809B
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPATION
TL, LEAD TEMPERATURE, °C
FIG. 2 - TYPICAL ZENER IMPEDANCE
IZ, ZENER TEST CURRENT mA
FIG. 3 - TYPICAL ZENER IMPEDANCE
FIG. 4 - TYPICAL TEMPERATURE COEFFICIENTS
VZ, ZENER VOLTAGE, VOLTS
60 HZ
RESISTIVE OR
INDUCTIVE LOAD
VZ, ZENER VOLTAGE, VOLTS
TJ=25°C
IZ (rms)=0.1 IZ (DC)
VZ=22V
TESTED AT RATED IZT
VZ=10V
VZ=62V
IZ=1mA
IZ(rms)=0.1IZ (DC)
10 mA
20 mA
P.C B. MOUNTED ON
0.31 x 0.31 x 0.08” (8 x 8 x 2mm)
COPPER AREAS PADS


Similar Part No. - SMZJ3793A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMZJ3793A VISHAY-SMZJ3793A Datasheet
28Kb / 2P
   Surface Mount Zener Diodes
01-Aug-02
SMZJ3793A VISHAY-SMZJ3793A Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
logo
Guangdong Juxing Electr...
SMZJ3793A JUXING-SMZJ3793A Datasheet
595Kb / 2P
   Surface Mount Zener Diodes
More results

Similar Description - SMZJ3793A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com