Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6T7V5AYCAY Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM6T7V5AYCAY
Description  Automotive 600 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T7V5AYCAY Datasheet(HTML) 2 Page - STMicroelectronics

  SM6T7V5AYCAY Datasheet HTML 1Page - STMicroelectronics SM6T7V5AYCAY Datasheet HTML 2Page - STMicroelectronics SM6T7V5AYCAY Datasheet HTML 3Page - STMicroelectronics SM6T7V5AYCAY Datasheet HTML 4Page - STMicroelectronics SM6T7V5AYCAY Datasheet HTML 5Page - STMicroelectronics SM6T7V5AYCAY Datasheet HTML 6Page - STMicroelectronics SM6T7V5AYCAY Datasheet HTML 7Page - STMicroelectronics SM6T7V5AYCAY Datasheet HTML 8Page - STMicroelectronics SM6T7V5AYCAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
SM6TY
2/12
Doc ID 17741 Rev 3
1
Characteristics
Figure 1.
Electrical characteristics - definitions
Figure 2.
Pulse definition for electrical characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
ISO 10605 (C = 330 pF, R = 330
Ω):
Contact discharge
Air discharge
ISO 10605 (C = 150 pF, R = 330
Ω):
Contact discharge
Air discharge
30
30
30
30
kV
PPP
Peak pulse power dissipation(1)
Tj initial = Tamb
600
W
Tj
Operating junction temperature range
-55 to 150
Tstg
Storage temperature range
-65 to 150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
Unidirectional
Bidirectional
Symbol Parameter
V
Stand-off voltage
V
Breakdown voltage
V
Clamping voltage
I
Leakage current @ V
I
Peak pulse current
T
Voltage temperature coefficient
V
Forward voltage drop
R
Dynamic resistance
RM
BR
CL
RM
RM
PP
F
D
α
Repetitive pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tr
tp


Similar Part No. - SM6T7V5AYCAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T7V5AY STMICROELECTRONICS-SM6T7V5AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T7V5AY STMICROELECTRONICS-SM6T7V5AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T7V5AY STMICROELECTRONICS-SM6T7V5AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T7V5AY STMICROELECTRONICS-SM6T7V5AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

Similar Description - SM6T7V5AYCAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com