Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPD4.7 Datasheet(PDF) 2 Page - General Semiconductor

Part # ZPD4.7
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ZPD4.7 Datasheet(HTML) 2 Page - General Semiconductor

  ZPD4.7 Datasheet HTML 1Page - General Semiconductor ZPD4.7 Datasheet HTML 2Page - General Semiconductor ZPD4.7 Datasheet HTML 3Page - General Semiconductor ZPD4.7 Datasheet HTML 4Page - General Semiconductor ZPD4.7 Datasheet HTML 5Page - General Semiconductor ZPD4.7 Datasheet HTML 6Page - General Semiconductor ZPD4.7 Datasheet HTML 7Page - General Semiconductor ZPD4.7 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZPD1 THRU ZPD75
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Zener Voltage(1)
at
IZ = 5 mA
VZ (V)
at
IZ = 5 mA
f = 1 kHz
rzj (
Ω)
at
IZ = 1 mA
f = 1 kHz
rzj (
Ω)
Temp. Coeff.
of Zener Voltage
at
IZ = 5 mA
α
vz (10
–4/K)
Reverse
Voltage
at
IR = 100 nA
VR (V)
at
Tamb = 45°C
IZ (mA)
at
Tamb = 25°C
IZ (mA)
Dynamic Resistance
Admissible
Zener current(2)
ZPD1(3)
0.7 ... 0.8
6.5 (< 8)
< 50
–26 ... –23
280
340
ZPD2.7
2.5 ... 2.9
75 (< 83)
< 500
–9 ... –4
135
160
ZPD3
2.8 ... 3.2
80 (< 95)
< 500
–9 ... –3
117
140
ZPD3.3
3.1 ... 3.5
80 (< 95)
< 500
–8 ... –3
109
130
ZPD3.6
3.4 ... 3.8
80 (< 95)
< 500
–8 ... –3
101
120
ZPD3.9
3.7 ... 4.1
80 (< 95)
< 500
–7 ... –3
92
110
ZPD4.3
4.0 ... 4.6
80 (< 95)
< 500
–6 ... –1
85
100
ZPD4.7
4.4 ... 5.0
70 (< 78)
< 500
–5 ... +2
76
90
ZPD5.1
4.8 ... 5.4
30 (< 60)
< 480
–3 ... +4
> 0.8
67
80
ZPD5.6
5.2 ... 6.0
10 (< 40)
< 400
–2 ... +6
> 1
59
70
ZPD6.2
5.8 ... 6.6
4.8 (< 10)
< 200
–1 ... +7
> 2
54
64
ZPD6.8
6.4 ... 7.2
4.5 (< 8)
< 150
+2 ... +7
> 3
49
58
ZPD7.5
7.0 ... 7.9
4 (< 7)
< 50
+3 ... +7
> 5
44
53
ZPD8.2
7.7 ... 8.7
4.5 (< 7)
< 50
+4 ... +7
> 6
40
47
ZPD9.1
8.5 ... 9.6
4.8 (< 10)
< 50
+5 ... +8
> 7
36
43
ZPD10
9.4 ... 10.6
5.2 (< 15)
< 70
+5 ... +8
> 7.5
33
40
ZPD11
10.4 ... 11.6
6 (< 20)
< 70
+5 ... +9
> 8.5
30
36
ZPD12
11.4 ... 12.7
7 (< 20)
< 90
+6 ... +9
> 9
28
32
ZPD13
12.4 ... 14.1
9 (< 25)
< 110
+7 ... +9
> 10
25
29
ZPD15
13.8 ... 15.6
11 (< 30)
< 110
+7 ... +9
> 11
23
27
ZPD16
15.3 ... 17.1
13 (< 40)
< 170
+8 ... +9.5
> 12
20
24
ZPD18
16.8 ... 19.1
18 (< 50)
< 170
+8 ... +9.5
> 14
18
21
ZPD20
18.8 ... 21.2
20 (< 50)
< 220
+8 ... +10
> 15
17
20
ZPD22
20.8 ... 23.3
25 (< 55)
< 220
+8 ... +10
> 17
16
18
ZPD24
22.8 ... 25.6
28 (< 80)
< 220
+8 ... +10
> 18
13
16
ZPD27
25.1 ... 28.9
30 (< 80)
< 250
+8 ... +10
> 20
12
14
ZPD30
28 ... 32
35 (< 80)
< 250
+8 ... +10
> 22.5
10
13
ZPD33
31 ... 35
40 (< 80)
< 250
+8 ... +10
> 25
9
12
ZPD36
34 ... 38
40 (< 90)
< 250
+8 ... +10
> 27
9
11
ZPD39
37 ... 41
50 (< 90)
< 300
+10 ... +12
> 29
8
10
ZPD43
40 ... 46
60 (< 100)
< 700
+10 ... +12
> 32
7
9.2
ZPD47
44 ... 50
70 (< 100)
< 750
+10 ... +12
> 35
6
8.5
ZPD51
48 ... 54
70 (< 100)
< 750
+10 ... +12
> 38
6
7.8
ZPD56
52.0 … 60.0(4)
< 135(4)
< 1000(5)
typ. +10(4)
––
ZPD62
58.0 … 66.0(4)
< 150(4)
< 1000(5)
typ. +10(4)
––
ZPD68
64.0 … 72.0(4)
< 200(4)
< 1000(5)
typ. +10(4)
––
ZPD75
70.0 … 79.0(4)
< 250(4)
< 1500(5)
typ. +10(4)
––
NOTES:
(1) Tested with pulses tp = 5 ms
(2) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
(3) The ZPD1 is a silicon diode operated in forward direction. Hence, the subscript of all parameters should be “F” instead of “Z”.
Connect the cathode terminal to the negative pole
(4) at IZ = 2.5 mA
(5) at IZ = 0.5 mA


Similar Part No. - ZPD4.7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZPD4.7 SEMTECH-ZPD4.7 Datasheet
248Kb / 3P
   SILICON PLANAR ZENER DIODES?
logo
Diotec Semiconductor
ZPD4.7 DIOTEC-ZPD4.7 Datasheet
110Kb / 2P
   Silicon-Planar-Zener-Diodes
logo
EIC discrete Semiconduc...
ZPD4.7 EIC-ZPD4.7 Datasheet
33Kb / 2P
   ZENER DIODES
logo
Diotec Semiconductor
ZPD4.7 DIOTEC-ZPD4.7 Datasheet
90Kb / 2P
   Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
ZPD4.7 JINANJINGHENG-ZPD4.7 Datasheet
108Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZPD4.7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com