Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1500I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC1500I
Description  APC Smart-UPS SC 1500VA 230V - 2U Rackmount/Tower
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC1500I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC1500I Datasheet HTML 1Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 2Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 3Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 4Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 5Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Communications & Management
Control panel
LED status display with On Line : On Battery : Replace Battery and Overload
indicators
Audible Alarm
Alarm when on battery : distinctive low battery alarm : overload continuous tone
alarm
Surge Protection and Filtering
Surge energy rating
445 Joules
Filtering
Full time multi-pole noise filtering : 5% IEEE surge let-through : zero clamping
response time : meets UL 1449
Data Line Protection
RJ-45 Modem/Fax/DSL/10-100 Base-T protection
Physical
Maximum Height
89.00 mm
Maximum Width
432.00 mm
Maximum Depth
463.00 mm
Rack Height
2U
Net Weight
21.36 KG
Shipping Weight
24.55 KG
Shipping Height
254.00 mm
Shipping Width
610.00 mm
Shipping Depth
610.00 mm
Master Carton Units
1.00
Color
Grey
Units per Pallet
10.00
Environmental
Operating Environment
0 - 40 °C
Operating Relative Humidity
0%
Operating Elevation
0-3000 meters
Storage Temperature
-5 - 45 °C
Storage Relative Humidity
0%
Storage Elevation
0-15000 meters
Audible noise at 1 meter from
surface of unit
45.00 dBA
Online Thermal Dissipation
180.00 BTU/hr


Similar Part No. - SC1500I

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11 KINGBRIGHT-SC15-11 Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
217Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC1500I

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SMT1500RMI2U SCHNEIDER-SMT1500RMI2U Datasheet
82Kb / 3P
   APC Smart-UPS 1500VA LCD RM 2U 230V
SMT1500I SCHNEIDER-SMT1500I Datasheet
135Kb / 3P
   APC Smart-UPS 1500VA LCD 230V
May 8, 2018
logo
List of Unclassifed Man...
SUA1500I ETC2-SUA1500I Datasheet
113Kb / 1P
   APC Smart-UPS 1500VA USB Serial 230V
SC620I ETC2-SC620I Datasheet
44Kb / 5P
   APC Smart-UPS SC 620VA 230V
SC420I ETC2-SC420I Datasheet
160Kb / 4P
   APC Smart-UPS SC 420VA 230V
logo
Schneider Electric
SUA1500RM2U SCHNEIDER-SUA1500RM2U Datasheet
88Kb / 3P
   APC Smart-UPS 1500VA USB & Serial RM 2U 120V
SMT2200RMI2U SCHNEIDER-SMT2200RMI2U Datasheet
83Kb / 4P
   APC Smart-UPS 2200VA LCD RM 2U 230V
Jul 21, 2021
SUA750RMI2U SCHNEIDER-SUA750RMI2U Datasheet
99Kb / 4P
   APC Smart-UPS 750VA USB RM 2U 230V
logo
List of Unclassifed Man...
SU1000INET ETC2-SU1000INET Datasheet
62Kb / 1P
   APC Smart-UPS 1000 230V
logo
Schneider Electric
SMT750I SCHNEIDER-SMT750I Datasheet
105Kb / 3P
   APC Smart-UPS 750VA LCD 230V
Sep 20, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com