Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UA-D Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part No. UA-D
Description  Single Pole Relay UA series designed with medium current load 3A.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Homepage  http://www.huaandz.com
Logo 

UA-D Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UA
Coil Specification (at 20
°°°°C)
Coil Sensitivity
Nominal
Voltage (VDC)
Nominal
Current (mA)
Coil Resistance
(
Ω±10%)
Power
Consumption
(W)
Pull-In Voltage
(VDC)
Drop-Out
Voltage (VDC)
Maximum
Allowable
Voltage (VDC)
3
120
25
5
72.5
69
6
60
100
9
40
225
12
30
400
UA - D/DM
24
15
1,600
Abt. 0.36
75%
Maximum
5%
Minimum
130%
Ordering Information
UA -
SS
-
1
12
D
M
Contact Form:
Nil: One Form C
M: One Form A
B: One Form B
Coil Type:
D: Standard DC Coil
Coil Voltage:
03: 3V, 05: 5V, 06: 6V, 09: 9V, 12: 12V, 24: 24V
Number of Pole:
1: One Pole
Type of Sealing:
SS: RT II Flux Proofed Relays
SH: RT III Wash Tight Relays
Type:
UA
Classification
Model
UA
Contact Form
1C
1A
1B
Flow Solder Type
UA-SS-1□□D
UA-SS-1□□DM
UA-SS-1□□DB
Plastic Sealed Type
UA-SH-1□□D
UA-SH-1□□DM
UA-SH-1□□DB
Dimension ( ≤ 5mm+ 0.2mm, > 5mm + 0.3mm, the tolerance of PCB thru hole: +0.1mm)
P.C.B. Layout
Bottom View
Reference Data
Coil t em p. rise
Coil Pow er (W)
Current of load(A)
Coil Pow er (W)
Life expect ancy
O perat e t im e
UA


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn