Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UA-D Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part No. UA-D
Description  Single Pole Relay UA series designed with medium current load 3A.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Homepage  http://www.huaandz.com
Logo 

UA-D Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UA
Main Feature
1.
Single Pole Relay UA series designed with medium
current load 3A.
2.
2.54mm terminal pitch employment equivalent to I.C.
terminal pitch.
3.
IC compatibility due to its low power consumption.
4.
Three types of contact arrangements available.
Contact Rating
Load Type
UA (DM/DB)
UA (D)
3A 120VAC
3A 120VAC
Rated Load (Resistive)
3A 24VDC
3A 24VDC
Rated Carrying Current
3A
3A
AC 120V
AC 120V
Max. Allowable Voltage
DC 60V
DC 60V
Max. Allowable Current
3A
3A
360VA
360VA
Max. Allowable Power Force
72W
72W
Min. Switching Load
DC 5V, 10mA
DC 5V, 10mA
Contact Material
Ag Alloy
Ag Alloy
Contact Form
SPST
SPDT
Application
Telecommunication, Domestic Appliances, Office Machine,
Audio Equipment, Camera, etc.
Performance (at Initial Value)
Contact Resistance .............. 100m
Ω Max.@100mA,
6VDC
Operate Time........................ 8 mSec. Max.
Release Time ....................... 4 mSec. Max.
Dielectric Strength:
Between Coil & Contact…… 500VAC at 50/60 Hz for
one minute.
Between Contacts……………500VAC at 50/60 Hz for
one minute.
Surge Strength………………1,000 V (between Coil
& Contact 1.2x50
µSec.)
Insulation Resistance……….100 Mega
Ω Min. at
500VDC.
Max. On/Off Switching:
Electrical ............................... 30 Cycles per Minute.
Mechanical ........................... 300 Cycles per Minute.
Temperature Range.............. -25~55
°C
Coil Temperature Rise .......... 40
°C Max.
Vibration:
Endurance ............................ 10 to 55 Hz dual
amplitude width 1.5mm.
Error Operation..................... 10 to 55 Hz dual
amplitude width 1.5mm.
Shock:
Endurance .......................... 500 m/S
2.
Error Operation..................... 100 m/S
2.
Life Expectancy:
Mechanical .......................... 10
7
Operations at No
Load condition.
Electrical ............................. 10
5
Operations at Rated
Resistive Load.
Weight .................................. About 3.5 g.
Safety Standard & File Number
UL & C-UL ............................ E141060
TÜV …..………….........……..R50192493


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn