Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT78U Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # NT78U
Description  Suitable for household electrical appliances, automation system, electronic equipment, instrument, meter,telecommunication facilities and remote control facilities
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

NT78U Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  NT78U Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Release
Time
ms
15.7
12.3
14
Small size, light weight.
Low coil consumption.
PC board mounting.
Suitable for household electrical appliances, automation system, electronic equipment, instrument, meter,
telecommunication facilities and remote control facilities.
NT78 C
S 10 DC12V
0.6
1
2
3
4
5
6
Ordering Information
1 Part number NT78
2 Contact arrangement A:1A
B:1B
C:1C
U:1U
3 Enclosure
S: Sealed type NIL: Dust cover
4 Contact rating 5A,10A/14VDC
10A/120VAC 5A/250VAC
5 Coil rated voltage(V)
DC:6,9,12,24
6 Coil power consumption
0.6:0.6W
0.8:0.8W
Contact Data
Contact Arrangement
1A
SPSTNO
1B
SPSTNC
1C
SPDT(B-M)
1U
SPSTNODM
Contact Material
AgCdO AgSnO
2
NO:20A/14VDC 10A/120VAC,5A/250VAC
NC:15A/14VDC,10A/120VAC,5A/250VAC
Motor load : 1/2HP 125VAC
Lamp load : TV-5
Max. Switching Power
280W 1250VA
Max. Switching Voltage
42VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 4.12 of IEC 61810-7
5
Operation
Electrical
10
Item 4.30 of IEC 61810-7
al
7
life
Mechanical
10
Item 4.31 of IEC 61810-7
IU:2
10A/14VDC
Coil Parameter
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(80%of rated
voltage )
Release voltage
VDC(min)
(5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Rated
Max.
006-600
6
6.6
60
4.8
0.30
009-600
9
9.9
135
7.2
0.45
012-600
12
13.2
240
9.6
0.60
024-600
24
26.4
960
19.2
1.20
006-800
6
6.6
45
4.8
0.30
009-800
9
9.9
102
7.2
0.45
012-800
12
13.2
180
9.6
0.60
024-800
24
26.4
720
19.2
1.20
0.6
10
5
0.8
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
03001003504
E174722
Features
101
NT78
C
US
R
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC 61810-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 500V
Item 6 of IEC 61810-5
50Hz 500V
Item 6 of IEC 61810-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
85% (at 20 )
IEC68-2-3Test Ca
Mass
6g
Safety approvals
Safety approval
UL&CUR
CQC
Load
NO
20A/14VDC 10A/120VAC
NC
10A/14VDC
1/2HP 125VAC TV-5
5A/250VAC
Dimensions
Wiring diagram (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
102
NT78
Dimensions
Mounting (Bottom view)
mm /inch
0.055
0.401
0.098
0.043
0.016
0.484max.
0.618max.
0.057
Max.
Max.
Contact Rating (resistive)
1B
Ningbo Huaguan Electronics Corporation LTD.


Similar Part No. - NT78U

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT78U10DC12V DBLECTRO-NT78U10DC12V Datasheet
539Kb / 2P
   Low coil consumption.
NT78U10DC12V0.6 DBLECTRO-NT78U10DC12V0.6 Datasheet
284Kb / 2P
   Small size, light weight. / Low coil consumption.
NT78U10DC12V0.8 DBLECTRO-NT78U10DC12V0.8 Datasheet
284Kb / 2P
   Small size, light weight. / Low coil consumption.
NT78U10DC24V DBLECTRO-NT78U10DC24V Datasheet
539Kb / 2P
   Low coil consumption.
NT78U10DC24V0.6 DBLECTRO-NT78U10DC24V0.6 Datasheet
284Kb / 2P
   Small size, light weight. / Low coil consumption.
More results

Similar Description - NT78U

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NV2M-1A HUAXINAN-NV2M-1A Datasheet
470Kb / 1P
   Suitable for automobile, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F_05 Datasheet
838Kb / 3P
   Suitable for household electrical appliances, automation system, electronic equipment, instrument and meter application.
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
N3753AADC6P DBLECTRO-N3753AADC6P Datasheet
396Kb / 2P
   Suitable for automatic control, household electrical appliances and machinery electrical facilities.
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
   Suitable for household electrical appliances, automation system
NG8N DBLECTRO-NG8N_05 Datasheet
293Kb / 2P
   Suitable for household electrical appliance, automation system
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com