Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53810SNL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-53810SNL
Description  THT/SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-53810SNL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-53810SNL Datasheet HTML 1Page - Pulse A Technitrol Company PE-53810SNL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
80
SPM2007 (2/08)
B MAX
.135
±
.010
3,43
0,25
C
A MAX
1
A MAX
PE-XXXXX
DATE CODE
CTRY ORIGIN
2
SUGGESTED PAD LAYOUT
D
C
D
.035
0,89
.060
1,52
2X LEAD
.020
0,51
E TYP
2E
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
A ± .005
0,13
D TYP
C MAX
B± .005
0,13
.130 ± .020
3,31 ± 0,51
PKG
A
B
C
D
LP-25
.360
.310
.250
.250
9,14
7,87
6,35
6,35
LP-30
.400
.300
.300
.300
10,16
7,62
7,62
7,62
LP-37
.495
.375
.375
.375
12,57
9,52
9,52
9,52
LP-44
.635
.365
.500
.300
16,13
9,27
12,7
7,62
LP Series
HCI-68
LCI Series
Mechanicals
PKG
ABC
D
E
KM-1.0
.340
.580
.650
.290
.110
8,64
14,73
16,51
7,37
2,79
KM-2.0
.450
.650
.700
.325
.150
11,43
16,51
17,73
8,26
3,81
KM-3.0
.450
830
.950
.415
.150
11,43
21,08
24,13 10,54
3,81
KM-4.0
.610
.970
1.10
.475
.225
15,50
24,64
27,94 12,07
5,72
.940 MAX
23,87
.820 ± .015
20,83 0,38
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
U.S. PAT. 5309130
.700 ±.005
17,78 0,13
.830 ± .005
21,08 0,13
2X
.080 ±.005
2,03
0,13
R
.400 MAX
10,16
SEATING PLANE
SUGGESTED PAD LAYOUT
.940 MAX
23,87
2 SURFACES
.005/0,13
E
F
R
2X.060
1,52
SUGGESTED PAD LAYOUT
SEATING
PLANE
C MAX
4 SURFACES
.005/0,13
D ±.015
0,38
B MAX
PE-XXXXX
U.S. PAT 53091 30
DATE CODE
COUNTRY OF ORIGIN
A MAX
KM Series
Note:
Coil must clear seating plane by .010 MIN
0,25
Notes:
1. Dimension “D” is measured
across terminal blocks only.
2. Coil must clear seating plane by
.010 MIN.
0,25
PKG
A
B
C
D
E
F
LCI-20
.340
.340
.270
.260
.300
.270
8,64
8,64
6,86
6,60
7,62
6,86
LCI-30
.435
.440
.360
.350
.400
.360
11,05
11,18
9,14
8,89
10,16
9,14
LCI-37
.565
.570
.360
.450
.520
.460
14,35
14,48
9,14
11,43
13,21
11,68
LCI-44
.600
.620
.390
.500
.550
.510
15,24
15,75
9,91
12,7
13,97
12,95
LCI-50
.670
.700
.390
.580
.620
.590
17,02
17,78
9,91
14,73
15,75
14,99
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
THT/SMT POWER INDUCTORS
Toroid - Designed for National’s 150kHz
Simple Switcher


Similar Part No. - PE-53810SNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53810SNL PULSE-PE-53810SNL Datasheet
97Kb / 2P
   Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0
PE-53810SNL PULSE-PE-53810SNL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53810SNL PULSE-PE-53810SNL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-53810SNL PULSE-PE-53810SNL Datasheet
118Kb / 3P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-53810SNL PULSE-PE-53810SNL Datasheet
97Kb / 2P
   Toroid - Designed for Nationals 150kHz Simple Switcher
More results

Similar Description - PE-53810SNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0845SNLT PULSE-P0845SNLT Datasheet
173Kb / 2P
   THT/SMT POWER INDUCTORS
P0841SNLT PULSE-P0841SNLT Datasheet
173Kb / 2P
   THT/SMT POWER INDUCTORS
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-51591NL PULSE-PE-51591NL_15 Datasheet
614Kb / 3P
   THT Power Inductors
PG0122NL PULSE-PG0122NL Datasheet
414Kb / 2P
   THT Power Inductors
P1715L PULSE-P1715L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PG0036NL PULSE-PG0036NL Datasheet
123Kb / 2P
   THT POWER INDUCTORS
PE-92102NL PULSE-PE-92102NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92112K PULSE-PE-92112K Datasheet
115Kb / 3P
   THT POWER INDUCTORS
PE-92116K PULSE-PE-92116K Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com