Electronic Components Datasheet Search |
|
PE-53900NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company |
|
PE-53900NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company |
1 / 2 page USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811 www.pulseeng.com 79 SPM2007 (2/08) In Circuit Operating Parameters 1 Package Pulse 6 Pulse 5,6 National Nominal Rated Max 2 Nominal THT Part SMT Part Part Inductance Current ETOP DCR Through Surface Lead Number Number Number (µH) (ADC) (V-µSec) ( Ω) Hole Mount Diameter PE-53801NL PE-53801SNL LM259X-L1 259 0.13 23.1 3.4 LP-25 LCI-20 — PE-53802NL PE-53802SNL LM259X-L2 178 0.16 16.5 2.8 LP-25 LCI-20 — PE-53803NL PE-53803SNL LM259X-L3 118 0.2 13.2 1.8 LP-25 LCI-20 — PE-53804NL PE-53804SNL LM259X-L4 79 0.25 9.9 1.5 LP-25 LCI-20 — PE-53805NL PE-53805SNL LM259X-L5 55 0.3 6.6 1.0 LP-25 LCI-20 — PE-53806NL PE-53806SNL LM259X-L6 39 0.34 6.6 .80 LP-25 LCI-20 — PE-53807NL PE-53807SNL LM259X-L7 26 0.45 6.6 .62 LP-25 LCI-20 — PE-53808NL PE-53808SNL LM259X-L8 374 0.2 75.9 2.7 LP-30 LCI-30 — PE-53809NL PE-53809SNL LM259X-L9 256 0.25 33 2.2 LP-30 LCI-30 — PE-53810NL PE-53810SNL LM259X-L10 176 0.3 26.4 1.4 LP-30 LCI-30 — PE-53811NL PE-53811SNL LM259X-L11 118 0.38 19.8 1.2 LP-30 LCI-30 — PE-53812NL PE-53812SNL LM259X-L12 78 0.46 16.5 0.8 LP-30 LCI-30 — PE-53813NL PE-53813SNL LM259X-L13 55 0.56 13.2 0.5 LP-30 LCI-30 — PE-53814NL PE-53814SNL LM259X-L14 39 0.68 9.9 0.3 LP-30 LCI-30 — PE-53815NL PE-53815SNL LM259X-L15 26 0.84 6.6 0.2 LP-30 LCI-30 — PE-53816NL PE-53816SNL LM259X-L16 17 1.02 6.6 0.1 LP-30 LCI-30 — PE-53817NL PE-53817SNL LM259X-L17 375 0.36 75.9 1.3 LP-37 LCI-37 — PE-53818NL PE-53818SNL LM259X-L18 252 0.44 49.5 0.9 LP-37 LCI-37 — PE-53819NL PE-53819SNL LM259X-L19 173 0.54 36.3 0.6 LP-37 LCI-37 — PE-53820NL PE-53820SNL LM259X-L20 115 0.67 29.7 0.4 LP-37 LCI-37 — PE-53821NL PE-53821SNL LM259X-L21 78 0.82 23.1 0.3 LP-37 LCI-37 — PE-53822NL PE-53822SNL LM259X-L22 54 1.0 16.5 0.2 LP-37 LCI-37 — PE-53823NL PE-53823SNL LM259X-L23 38 1.2 13.2 0.1 LP-37 LCI-37 — PE-53824NL PE-53824SNL LM259X-L24 26 1.48 9.9 0.1 LP-37 LCI-37 — PE-53825NL PE-53825SNL LM259X-L25 18 1.81 9.9 0.06 LP-37 LCI-37 — PE-53826NL PE-53826SNL LM259X-L26 377 0.68 75.9 1.0 LP-44 LCI-44 — PE-53827NL PE-53827SNL LM259X-L27 248 0.83 72.6 0.6 LP-44 LCI-44 — PE-53828NL PE-53828SNL LM259X-L28 168 1.02 56.1 0.4 LP-44 LCI-44 — PE-53829NL PE-53829SNL LM259X-L29 112 1.26 42.9 0.3 LP-44 LCI-44 — PE-53830NL PE-53830SNL LM259X-L30 77 1.54 33 0.2 LP-44 LCI-44 — PE-53831NL PE-53831SNL LM259X-L31 53 1.87 26.4 0.13 LP-44 LCI-44 — PE-53932NL PE-53932SNL LM259X-L32 37 2.24 19.8 0.10 LP-44 LCI-44 — PE-53933NL PE-53933SNL LM259X-L33 24 2.74 16.5 0.07 LP-44 LCI-44 — PE-53934NL PE-53934SNL LM259X-L34 17 3.0 13.2 0.05 KM-1.0 LCI-44 .023 PE-53935NL PE-53935SNL LM259X-L35 250 1.5 72.6 0.23 KM-3.0 HCI-68 .023 PE-54036NL PE-54036SNL LM259X-L36 168 1.81 75.9 0.18 KM-3.0 HCI-68 .023 PE-54037NL PE-54037SNL LM259X-L37 114 2.22 62.7 0.10 KM-3.0 HCI-68 .025 PE-54038NL PE-54038SNL LM259X-L38 77 2.7 52.8 0.09 KM-3.0 HCI-68 .025 PE-54039NL PE-54039SNL LM259X-L39 53 3.0 42.9 0.08 KM-3.0 HCI-68 .025 PE-54040NL PE-54040SNL LM259X-L40 38 3.0 29.7 0.05 KM-3.0 HCI-68 .028 PE-54041NL PE-54041SNL LM259X-L41 25 3.0 19.8 0.04 KM-2.0 LCI-50 .028 PE-54042NL — LM259X-L42 167 2.5 75.9 0.14 KM-4.0 — .028 PE-54043NL — LM259X-L43 121 3.0 75.9 0.09 KM-4.0 — .031 PE-54044NL PE-54044SNL LM259X-L44 77 3.0 59.4 0.08 KM-3.0 HCI-68 .025 PE-53900NL — LM258X-L 19 4.5 323 0.02 KM-3.0 — .035 Electrical Specifications @ 25°C— Operating Temperature -40° to +130° C 7 NOTES: 1. Inductance values may vary ±20%. 2. ETop rated at 150kHz except where designated. 3. ETop rated at 100kHz. 4. SIMPLE SWITCHER™ is a trademark of National Semiconductor Corp. 5. For SMT parts, optional Tape & Reel packaging can be ordered by addin a "T" suffix to the part number (i.e. PE-53801SNL becomes PE-53801SNLT). Pulse complies to industry standard tape and reel specification EIA481. Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 Available in surface mount and through hole versions THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher ™ 6. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suf- fixed parts are not necessarily RoHS compliant, but are electrically and mechanically equivalent to NL versions. If a part number does not have the "NL" suffix, but an RoHS compliant version is required, please con- tact Pulse for availability. 7. The temperature of the component (ambient plus temperature rise) must be within the stated operating temperature range. |
Similar Part No. - PE-53900NL |
|
Similar Description - PE-53900NL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |