Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2300SCMCL Datasheet(PDF) 1 Page - Littelfuse

Part # P2300SCMCL
Description  MicroCapacitance (MC) SC SIDACtor Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2300SCMCL Datasheet(HTML) 1 Page - Littelfuse

  P2300SCMCL Datasheet HTML 1Page - Littelfuse P2300SCMCL Datasheet HTML 2Page - Littelfuse P2300SCMCL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
oHS
Telecom Design Guide • © 2006 Littelfuse
3 - 5
www.littelfuse.com
MicroCapacitance (MC) SC SIDACtor® Device
These DO-214AA SCMC SIDACtor devices are intended for applications sensitive to load
values. Typically, high speed connections, such as xDSL and T1/E1, require a lower
capacitance. CO values for the MicroCapacitance device are 40 percent lower than a
standard SC part.
This SCMC SIDACtor series enables equipment to comply with various regulatory
requirements including GR 1089, IEC 60950, UL 60950, TIA-968-A (formerly known as
FCC Part 68), and ITU K.20, K.21, and K.45.
* “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number.
For surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
* Current waveform in µs
** Voltage waveform in µs
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
P0080SCMCL
6
25
4
5
800
2.2
50
P0220SCMCL
15
32
4
5
800
2.2
50
P0300SCMCL
25
40
4
5
800
2.2
50
P0640SCMCL
58
77
4
5
800
2.2
150
P0720SCMCL
65
88
4
5
800
2.2
150
P0900SCMCL
75
98
4
5
800
2.2
150
P1100SCMCL
90
130
4
5
800
2.2
150
P1200SCMCL
100
130
4
5
800
2.2
120
P1300SCMCL
120
160
4
5
800
2.2
150
P1500SCMCL
140
180
4
5
800
2.2
150
P1800SCMCL
170
220
4
5
800
2.2
150
P2000SCMCL
180
220
4
5
800
2.2
120
P2100SCMCL
180
240
4
5
800
2.2
150
P2300SCMCL
190
260
4
5
800
2.2
150
P2500SCMCL
230
290
4
5
800
2.2
120
P2600SCMCL
220
300
4
5
800
2.2
150
P3100SCMCL
275
350
4
5
800
2.2
150
P3500SCMCL
320
400
4
5
800
2.2
150
Surge Ratings in Amps
IPP
ITSM
50 / 60 Hz
di/dt
0.2x310 *
0.5x700 **
2x10 *
2x10 **
8x20 *
1.2x50 **
10x160 *
10x160 **
10x560 *
10x560 **
5x320 *
9x720 **
10x360 *
10x360 **
10x1000 *
10x1000 **
5x310 *
10x700 **
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
C
50
500
400
200
150
200
175
100
200
30
500


Similar Part No. - P2300SCMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2300SCMCL LITTELFUSE-P2300SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
P2300SCMCL LITTELFUSE-P2300SCMCL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
logo
HuaXinAn Electronics CO...
P2300SCMCL HUAXINAN-P2300SCMCL Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
logo
Littelfuse
P2300SCMCL LITTELFUSE-P2300SCMCL Datasheet
159Kb / 3P
   MicroCapacitance (MC) SC SIDACtor Device
P2300SCMCL LITTELFUSE-P2300SCMCL Datasheet
159Kb / 3P
   MicroCapacitance (MC) SC SIDACtor Device
More results

Similar Description - P2300SCMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3500SCMCRP LITTELFUSE-P3500SCMCRP Datasheet
159Kb / 3P
   MicroCapacitance (MC) SC SIDACtor Device
P0300SCMCRP LITTELFUSE-P0300SCMCRP Datasheet
159Kb / 3P
   MicroCapacitance (MC) SC SIDACtor Device
P0080SCMC LITTELFUSE-P0080SCMC Datasheet
122Kb / 2P
   MicroCapacitance (MC) SC SIDACtor Device
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
   MicroCapacitance (MC) SIDACtor Device
P0080SAMCRP LITTELFUSE-P0080SAMCRP Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor Device
P0084UCMC LITTELFUSE-P0084UCMC Datasheet
124Kb / 2P
   Multiport MicroCapacitance (MC) SIDACtor Device
P0080SAMC LITTELFUSE-P0080SAMC Datasheet
122Kb / 2P
   MicroCapacitance (MC) SA SIDACtor Device
P0302AAMC LITTELFUSE-P0302AAMC Datasheet
123Kb / 2P
   Two-chip MicroCapacitance (MC) SIDACtor Device
P0080SCMCL LITTELFUSE-P0080SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
P1553ACMC LITTELFUSE-P1553ACMC Datasheet
122Kb / 2P
   Balanced Three-chip MicroCapacitance (MC) SIDACtor Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com