Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCG18 Datasheet(PDF) 2 Page - General Semiconductor

Part # SMCG18
Description  SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SMCG18 Datasheet(HTML) 2 Page - General Semiconductor

  SMCG18 Datasheet HTML 1Page - General Semiconductor SMCG18 Datasheet HTML 2Page - General Semiconductor SMCG18 Datasheet HTML 3Page - General Semiconductor SMCG18 Datasheet HTML 4Page - General Semiconductor SMCG18 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS at (TA=25°C unless otherwise noted) TABLE 1
Breakdown
Maximum
Maximum
Device
Voltage
Reverse
Peak Pulse
Maximum
Device Type
Device Type
Marking
V(BR)(Volts)
Test
Stand-off
Leakage
Surge
Clamping
Gull Wing
Modified
Code
(NOTE 1)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
Lead
“J” Bend Lead
UNI
BI
(MIN / MAX)
at IT (mA)
VWM (Volts)
(NOTE 3) ID (
µA) (NOTE 2) (Amps)
VC (Volts)
SMCG5.0
SMCJ5.0
GDD
6.40 / 7.82
10.0
5.0
1000
156.3
9.6
SMCG5.0A
SMCJ5.0
GDE
6.40 / 7.07
10.0
5.0
1000
163.0
9.2
SMCG6.0
SMCJ6.0
GDF
6.67 / 8.15
10.0
6.0
1000
131.6
11.4
SMCG6.0A
SMCJ6.0A
GDG
6.67 / 7.37
10.0
6.0
1000
145.6
10.3
SMCG6.5
SMCJ6.5
GDH
7.22 / 8.82
10.0
6.5
500
122.0
12.3
SMCG6.0A
SMCJ6.5A
GDK
7.22 / 7.98
10.0
6.5
500
133.9
11.2
SMCG7.0
SMCJ7.0
GDL
7.78 / 9.51
10.0
7.0
200
112.8
13.3
SMCG7.0A
SMCJ7.0A
GDM
7.78 / 8.60
10.0
7.0
200
125.0
12.0
SMCG7.5
SMCJ7.5
GDN
8.33 / 10.2
1.0
7.5
100
104.9
14.3
SMCG7.5A
SMCJ7.5A
GDP
8.33 / 9.21
1.0
7.5
100
116.3
12.9
SMCG8.0
SMCJ8.0
GDQ
8.89 / 10.9
1.0
8.0
50
100.0
15.0
SMCG8.0A
SMCJ8.0A
GDR
8.89 / 9.83
1.0
8.0
50
110.3
13.6
SMCG8.5
SMCJ8.5
GDS
9.44 / 11.5
1.0
8.5
20
94.3
15.9
SMCG8.5A
SMCJ8.5A
GDT
9.44 / 10.4
1.0
8.5
20
104.2
14.4
SMCG9.0
SMCJ9.0
GDU
10.0 / 12.2
1.0
9.0
10
88.8
16.9
SMCG9.0A
SMCJ9.0A
GDV
10.0 / 11.1
1.0
9.0
10
97.4
15.4
SMCG10
SMCJ10
GDW
11.1 / 13.6
1.0
10.0
5.0
79.8
18.8
SMCG10A
SMCJ10A
GDX
11.1 / 12.3
1.0
10.0
5.0
88.2
17.0
SMCG11
SMCJ11
GDY
12.2 / 14.9
1.0
11.0
5.0
74.6
20.1
SMCG11A
SMCJ11A
GDZ
12.2 / 13.5
1.0
11.0
5.0
82.4
18.2
SMCG12
SMCJ12
GED
13.3 / 16.3
1.0
12.0
5.0
68.2
22.0
SMCG12A
SMCJ12A
GEE
13.3 / 14.7
1.0
12.0
5.0
75.4
19.9
SMCG13
SMCJ13
GEF
14.4 / 17.6
1.0
13.0
5.0
63.0
23.8
SMCG13A
SMCJ13A
GEG
14.4 / 15.9
1.0
13.0
5.0
69.8
21.5
SMCG14
SMCJ14
GEH
15.6 / 19.1
1.0
14.0
5.0
58.1
25.8
SMCG14A
SMCJ14A
GEK
15.6 / 17.2
1.0
14.0
5.0
64.7
23.2
SMCG15
SMCJ15
GEL
16.7 / 20.4
1.0
15.0
5.0
55.8
26.9
SMCG15A
SMCJ15A
GEM
16.7 / 18.5
1.0
15.0
5.0
61.5
24.4
SMCG16
SMCJ16
GEN
17.8 / 21.8
1.0
16.0
5.0
52.1
28.8
SMCG16A
SMCJ16A
GEP
17.8 / 19.7
1.0
16.0
5.0
57.7
26.0
SMCG17
SMCJ17
GEQ
18.9 / 23.1
1.0
17.0
5.0
49.2
30.5
SMCG17A
SMCJ17A
GER
18.9 / 20.9
1.0
17.0
5.0
54.3
27.6
SMCG18
SMCJ18
GES
20.0 / 24.4
1.0
18.0
5.0
46.6
32.2
SMCG18A
SMCJ18A
GET
20.0 / 22.1
1.0
18.0
5.0
51.4
29.2
SMCG20
SMCJ20
GEU
22.2 / 27.1
1.0
20.0
5.0
41.9
35.8
SMCG20A
SMCJ20A
GEV
22.2 / 24.5
1.0
20.0
5.0
46.3
32.4
SMCG22
SMCJ22
GEW
24.4 / 29.8
1.0
22.0
5.0
38.1
39.4
SMCG22A
SMCJ22A
GEX
24,4 / 26.9
1.0
22.0
5.0
42.3
35.5
SMCG24
SMCJ24
GEY
26.7 / 32.6
1.0
24.0
5.0
34.9
43.0
SMCG24A
SMCJ24A
GEZ
26.7 / 29.5
1.0
24.0
5.0
38.6
38.9
SMCG26
SMCJ26
GFD
28.9 / 35.3
1.0
26.0
5.0
32.2
46.6
SMCG26A
SMCJ26A
GFE
28.9 / 31.9
1.0
26.0
5.0
35.6
42.1
SMCG28
SMCJ28
GFF
31.1 / 38.0
1.0
28.0
5.0
30.0
50.0
SMCG28A
SMCJ28A
GFG
31.1 / 34.4
1.0
28.0
5.0
33.0
45.4
SMCG30
SMCJ30
GFH
33.3 / 40.7
1.0
30.0
5.0
28.0
53.5
SMCG30A
SMCJ30A
GFK
33.3 / 36.8
1.0
30.0
5.0
31.0
48.4
SMCG33
SMCJ33
GFL
36.7 / 44.9
1.0
33.0
5.0
25.4
59.0
SMCG33A
SMCJ33A
GFM
36.7 / 40.6
1.0
33.0
5.0
28.1
53.3
SMCG36
SMCJ36
GFN
40.0 / 48.9
1.0
36.0
5.0
23.3
64.3
SMCG36A
SMCJ36A
GFP
40.0 / 44.2
1.0
36.0
5.0
25.8
58.1
SMCG40
SMCJ40
GFQ
44.4 / 54.3
1.0
40.0
5.0
21.0
71.4
SMCG40A
SMCJ40A
GFR
44.4 / 49.1
1.0
40.0
5.0
23.3
64.5
SMCG43
SMCJ43
GFS
47.8 / 58.4
1.0
43.0
5.0
19.6
76.7
SMCG43A
SMCJ43A
GFT
47.8 / 52.8
1.0
43.0
5.0
21.6
69.4
SMCG45
SMCJ45
GFU
50.0 / 61.1
1.0
45.0
5.0
18.7
80.3
SMCG45A
SMCJ45A
GFV
50.0 / 55.3
1.0
45.0
5.0
20.6
72.7
SMCG48
SMCJ48
GFW
53.3 / 65.1
1.0
48.0
5.0
17.5
85.5
SMCG48A
SMCJ48A
GFX
53.3 / 58.9
1.0
48.0
5.0
19.4
77.4
SMCG51
SMCJ51
GFY
56.7 / 69.3
1.0
51.0
5.0
16.5
91.1
SMCG51A
SMCJ51A
GFZ
56.7 / 62.7
1.0
51.0
5.0
18.2
82.4
GDD
GDE
GDF
GDG
BDH
BDK
GDL
GDM
BDN
BDP
BDG
BDR
BDS
BDT
BDU
BDV
BDW
BDX
GDY
GDZ
BED
BEE
GEF
GEG
BEH
BEK
BEL
BEM
GEN
GEP
GEQ
GER
BES
BET
BEU
BEV
BEW
BEX
BEY
BEZ
BFD
BFE
BFF
BFG
BFH
BFK
BFL
BFM
BFN
BFP
BFQ
BFR
BFS
BFT
GFU
GFV
GFW
GFX
GFY
GFZ


Similar Part No. - SMCG18

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCG18 MICROSEMI-SMCG18 Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG18 MICROSEMI-SMCG18 Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG18 VISHAY-SMCG18 Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
SMCG18 LUGUANG-SMCG18 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Digitron Semiconductors
SMCG18 DIGITRON-SMCG18 Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
More results

Similar Description - SMCG18

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com