Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1458I Datasheet(PDF) 3 Page - STMicroelectronics

Part # MC1458I
Description  HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1458I Datasheet(HTML) 3 Page - STMicroelectronics

  MC1458I Datasheet HTML 1Page - STMicroelectronics MC1458I Datasheet HTML 2Page - STMicroelectronics MC1458I Datasheet HTML 3Page - STMicroelectronics MC1458I Datasheet HTML 4Page - STMicroelectronics MC1458I Datasheet HTML 5Page - STMicroelectronics MC1458I Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC1458-MC1558
3/6
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
15
6
mV
Iio
Input Offset Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
2
200
300
nA
Iib
Input Bias Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
30
500
800
nA
Avd
Large Signal Voltage Gain (Vo = ±10V, RL = 2kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
77
77
90
dB
Icc
Supply Current, all Amp, no load
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
2.3
5
6
mA
Vicm
Input Common Mode Voltage Range
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
±12
±12
CMR
Common Mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
70
70
90
dB
Ios
Output Short-circuit Current
Tamb = 25°C
10
20
35
mA
±Vopp
Output Voltage Swing
Tamb = 25°C
RL ≤ 10kΩ
RL ≤ 2kΩ
Tmin ≤ Tamb ≤ Tmax
RL ≤ 10kΩ
RL ≤ 2kΩ
12
10
12
10
14
13
V
SR
Slew Rate (VI = ±10V, RL = 2kΩ, CL = 100pF, unity Gain)
0.2
0.8
V/
µs
tr
Rsie Time (VI = ±20mV, RL = 2kΩ, CL = 100pF, unity Gain)
0.3
µs
KOV
Overshoot (VI = 20mV, RL = 2kΩ, CL = 100pF, unity Gain)
5%
RI
Input Resistance
0.3
2
M
Zic
Common-mode Input Impedance
200
M
CI
Input Capacitance
1.4
pF
RO
Output Resistance
75
FPB
Full Power Bandwidth (RL = 2kΩ, VO ≥ ±10V, AVD = 1, THD ≤ 5%
14
KHz


Similar Part No. - MC1458I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC1458I STMICROELECTRONICS-MC1458I Datasheet
102Kb / 6P
   DUAL OPERATIONAL AMPLIFIERS
December 2001
MC1458I STMICROELECTRONICS-MC1458I Datasheet
136Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - MC1458I

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6458M SANYO-LA6458M Datasheet
99Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204 Datasheet
141Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
April 1998
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com