Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4474 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # AN4474
Description  Dual 24 V, 6.0 mOhm High Side Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN4474 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  AN4474 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN4474 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN4474 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN4474 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. All other product or service names
are the property of their respective owners. © 2012 Freescale Semiconductor, Inc.
Document Number: MC06XS4200FS REV 3.0
For more information, visit freescale.com
Freescale: A Leader in Automotive Solutions
Expanding on its more than 30-year heritage of automotive innovation and it’s high-
performance products, Freescale’s solutions are designed with the right combination
of high-performance capability, processing capacity and customizable software to
help deliver smart, differentiated automotive solutions. With Analog, Mixed Signal, and
Power parts, our vision is to offer a diverse and differentiated product portfolio to meet
the expanding needs of the automotive, consumer and industrial segments. Freescale
solutions offer ideal blends of functionality and intelligence designed to help our
customers differentiate and win in highly competitive markets.
98ASA00428D
23 PIN PQFN (12 X12 mm)
Development Tools
Part Number
Description
KIT06XS4200EVBE
Evaluation Board - Contact Freescale Sales
Orderable Part Numbers
Part Number
Temp Range
(Ambient)
Package
MC06XS4200FK
-40 to +125 °C
23 PQFN
Note: Add R2 Suffix for Tape and Reel
Documentation
Document Number Title
Description
MC06XS4200
Dual 24 V, 6 mΩ High Side Switch
Data Sheet
SG1002
Analog, Mixed Signal and Power Management
Selector Guide
SG187
Automotive
Selector Guide
AN2467
Power Quad Flat No-Lead (PQFN) Package Application
Note
Application Note
AN4473
Compact Thermal Model Application Note
Application Note
AN4474
EMC and Fast Transient Pulses Performances
Application Note
Application Note
AN4516
IBIS Model Application Note
Application Note


Similar Part No. - AN4474

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN4474 FREESCALE-AN4474 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
AN4474 FREESCALE-AN4474 Datasheet
8Mb / 2P
   Dual 10 m high-side switch
AN4474 FREESCALE-AN4474 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
More results

Similar Description - AN4474

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
   Dual 24 V 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com