Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6295CVZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6295CVZ
Description  Low Voltage Fuel Gauge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6295CVZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6295CVZ Datasheet HTML 3Page - Intersil Corporation ISL6295CVZ Datasheet HTML 4Page - Intersil Corporation ISL6295CVZ Datasheet HTML 5Page - Intersil Corporation ISL6295CVZ Datasheet HTML 6Page - Intersil Corporation ISL6295CVZ Datasheet HTML 7Page - Intersil Corporation ISL6295CVZ Datasheet HTML 8Page - Intersil Corporation ISL6295CVZ Datasheet HTML 9Page - Intersil Corporation ISL6295CVZ Datasheet HTML 10Page - Intersil Corporation ISL6295CVZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
FN9074.2
February 8, 2011
Ictrl programming in a typical application is as follows:
VOLTAGE MEASUREMENTS
An analog multiplexer and divider network is provided to
support measurement of battery pack voltages. The A/D
control registers VPctrl and GPADctrl are used to specify the
measurement to be made. In typical applications, voltage
measurement a pack level is done using the 340mV
reference and a 10-bit magnitude resolution.
The value of the LSB in a pack voltage measurement using
the 340mV reference voltage and 15 bit resolution is given
by the formula:
VPACK LSB = 10.2V/2
15 = 311.3µV
VPctrl programming in a typical application is as follows:
The input source fields for the VPctrl, and GPADctrl registers
must be programmed to select the pack voltage VP and the
general purpose A/D input voltage GPAD in order for these
registers to control their intended measurements.
The measurable input range for VP is from 2.8V to 7V. The
measurable input range for GPAD is from 0V to 6.2V.
TEMPERATURE MEASUREMENTS
A/D input channels are provided for temperature
measurement using either the internal temperature sensor
or an external thermistor.
Defined within the ITctrl register is settings for the reference
utilized and the resolution desired for measurement of
temperature using the internal temperature sensor. Due to
the voltage output range of the temperature sensor, the
340mV reference must be selected.
The temperature measurement given by the internal
temperature sensor is derived using the following equation:
IT(°C) = (ITres – 22421)/78.95 °C
Typically, 10-bit resolution is selected, which results in the
following temperature measurement resolution:
IT(
Δ) = 0.405°C/LSB
For temperature measurement using an external sensor, the
NTC pin sources a current of 12.5µA. For proper operation,
an industry standard 10k
Ω at 25°C negative temperature
coefficient (NTC) device with a proper resistance range
should be connected between the NTC and GND pins. The
NTC reference output is only enabled during an external
temperature measurement in order to minimize power
consumption.
Defined within the ETctrl register are settings for the
reference utilized and the resolution desired for
measurement of temperature using the external temperature
sensor. The accuracy of temperature measurement using
the external thermistor is directly determined by the
characteristic of the NTC device used. It is suggested that
temperature measurements be thoroughly characterized to
extract the best-fit equation for temperature determination.
Internal to the ISL6295, a voltage inverter is provided to
translate the NTC voltage to a PTC voltage so that a larger
A/D conversion result would correspond to a higher
temperature reading. The actual voltage presented to the
ADC is as follows:
VADC = VREF - VNTC
where VREF is the reference voltage selected.
For typical NTC devices, the 340mV reference should be
used to cover the expected operational temperature range of
the battery pack. For a NTC with a 10k
Ω resistance at 25°C,
the voltage at the NTC pin will be 125mV, which corresponds
to an ADC input of (340-125)mV = 215mV. The expected
conversion result would be 215/340 * 215 = 20721.
OFFSET COMPENSATION
The host software can perform offset compensation by using
an offset measurement value read from the ISL6295. When
the offset calibration is enabled within the OFFSctrl register,
the converter input is internally shorted to ground and an A/D
conversion is performed at the specified resolution. The
offset value is stored in the OFFSres register.
ACCUMULATION/TIMING
The ISL6295 incorporates four 32-bit accumulators and four
32-bit elapsed time counters. The Discharge Current
Accumulator (DCA) and the Charge Current Accumulator
(CCA) are intended to record discharge and charge capacity
values. The Discharge Time Counter (DTC) and the Charge
Time Counter (CTC) are intended to maintain the total
discharge time and charge time. Accumulated charge and
discharge values can be used to determine state of charge
of the battery as well as cycle count information. With
information provided by the elapsed time counters, average
charge and discharge currents over an extended period of
time can be calculated.
Each of the four 32-bit accumulator registers is assigned a
fixed “source” A/D result register. When the accumulator is
BIT(s)
NAME
VALUE
FUNCTION
7
EN
1
ENABLES A/D CONVERSION
6-4
Res
111
Selects 15-bit resolution
3
Ref
0
Selects 170mV Reference
2-0
Sel
000
Selects VSR as ADC input
BIT(s)
NAME
VALUE
FUNCTION
7
En
1
Enables A/D conversion
6-4
Res
010
Selects 10-bit resolution
3
Ref
1
Selects 340mV Reference
2-0
Sel
011
Selects Vpack (VP) as ADC input
ISL6295


Similar Part No. - ISL6295CVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6295CVZ RENESAS-ISL6295CVZ Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
ISL6295CVZ-T RENESAS-ISL6295CVZ-T Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
More results

Similar Description - ISL6295CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Texas Instruments
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
[Old version datasheet]   Fuel Gauge With Integrated LDO
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com