Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L117XH4S Datasheet(PDF) 2 Page - Dielectric Laboratories, Inc.

Part # L117XH4S
Description  Surface Mount Lowpass Filter Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

L117XH4S Datasheet(HTML) 2 Page - Dielectric Laboratories, Inc.

  L117XH4S Datasheet HTML 1Page - Dielectric Laboratories, Inc. L117XH4S Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9397-7/14/v2
Typical Measured Performance
Dielectric Laboratories, Inc
2777 Route 20 East, Cazenovia,
NY 13035 USA
Phone: +1 315 655 8710
Fax: +1 315 655 0445
Email: sales@dilabs.com
Novacap
25111 Anza Drive, Valencia,
CA 91355 USA
Phone: +1 661 295 5920
Fax: +1 661 295 5928
Email: info@novacap.com
Syfer Technology Limited
Old Stoke Road, Arminghall, Norwich,
NR14 8SQ UK
Phone: +44 1603 723300
Fax: +44 1603 723301
Email: sales@syfer.co.uk
Voltronics Corporation
2250 Northwood Drive, Salisbury,
MD 21801 USA
Phone: +1 410 749 2424
Fax: +1 443 260 2263
Email: info@voltronicscorp.com
L065XG9S - 6.5 GHz
L117XH4S - 11.7 GHz
L095XG9S - 9.5 GHz
L128XH4S - 12.8 GHz
L157XG3S - 15.7 GHz
L204XF4S - 20.4 GHz
L254XF3S - 25.4 GHz
Qualifications
PCB ground pattern length and width can be 0.002-0.003 inches larger than filter footprint.
Dimensions of filter launch and PCB launch pattern should be closely matched. It is suggested
that PCB ground metal be pulled back from RF I/O trace to account for component alignment
tolerance. Ground via depth and spacing should be set so as not to create any resonances at
the frequency of operation.
Reference SMT Filter Mounting application note for additional mounting information.
Individual footprint diagrams of all Filters are available upon request from the DLI Sales Office.
Mounting Information


Similar Part No. - L117XH4S

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
L117XH4S DILABS-L117XH4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L117XH4S DILABS-L117XH4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L117XH4S DILABS-L117XH4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L117XH4S DILABS-L117XH4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L117XH4S DILABS-L117XH4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
More results

Similar Description - L117XH4S

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
L128XH4S DILABS-L128XH4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L117XH4S DILABS-L117XH4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L254XF3S DILABS-L254XF3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L157XG3S DILABS-L157XG3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L065XG9S DILABS-L065XG9S Datasheet
623Kb / 2P
   6 GHz Surface Mount Lowpass Filter
logo
KR Electronics, Inc.
2824 KR-2824 Datasheet
50Kb / 2P
   32 MHz surface mount lowpass filter
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com