Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM15T36A Datasheet(PDF) 3 Page - General Semiconductor

Part # SM15T36A
Description  TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SM15T36A Datasheet(HTML) 3 Page - General Semiconductor

  SM15T36A Datasheet HTML 1Page - General Semiconductor SM15T36A Datasheet HTML 2Page - General Semiconductor SM15T36A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG. 1 - PEAK PULSE POWER RATING CURVE
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE, °C
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
FIG. 3 - PULSE WAVEFORM
t, TIME, ms
VWM, REVERSE STAND-OFF VOLTAGE,
VOLTS
VWM, STAND-OFF VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60 HZ
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
TA=25°C
TJ=25°C PULSE WIDTH (td)
is DEFINED as the POINT
WHERE the PEAK
CURRENT DECAYS
to 50% of IPPM
tr=10
µsec.
MEASURED at
ZERO BIAS
VR, MEASURED
at STAND-OFF
VOLTAGE, VWM
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
UNIDIRECTIONAL ONLY
HALF VALUE - IPP
2
10/1000
µsec. WAVEFORM
as DEFINED by R.E.A.
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
PEAK VALUE
IPPM
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
BIDIRECTIONAL
FIG. 2 - PULSE DERATING CURVE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
0.31 X 0.31” (8.0 X 8.0mm) COPPER PAD AREAS
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM
td
RATINGS AND CHARACTERISTIC CURVES SM15T SERIES


Similar Part No. - SM15T36A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T36A STMICROELECTRONICS-SM15T36A Datasheet
189Kb / 5P
   TRANSILTM
SM15T36A STMICROELECTRONICS-SM15T36A Datasheet
125Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM15T36A VISHAY-SM15T36A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T36A MDE-SM15T36A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T36A VISHAY-SM15T36A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T36A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com