Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STL40N75LF3 Datasheet(PDF) 13 Page - STMicroelectronics

Part No. STL40N75LF3
Description  N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STL40N75LF3 Datasheet(HTML) 13 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DocID023810 Rev 2
13/14
STL40N75LF3
Revision history
14
6
Revision history
Table 9. Document revision history
Date
Revision
Changes
19-Oct-2012
1
First release.
24-Feb-2014
2
Deleted note in the table of Features.
Updated Figure 1.
Updated values of PTOT , TJ and Tstg in Table 2.
Updated notes in Table 2.
Updated VGS test condition inTable 5.
Updated VDD test condition inTable 6.
Removed Tj test condition from Table 7.
Updated Figure 2, Figure 4, Figure 6, Figure 9 and Figure 11.
Updated mechanical data.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn