Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STL40N75LF3 Datasheet(PDF) 11 Page - STMicroelectronics

Part No. STL40N75LF3
Description  N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STL40N75LF3 Datasheet(HTML) 11 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID023810 Rev 2
11/14
STL40N75LF3
Packaging information
14
5
Packaging information
Figure 21. PowerFLAT™ 5x6 type S-C tape
Figure 22. PowerFLAT™ 5x6 type S-C package orientation in carrier tape
Measured from centerline of sprocket hole
to centerline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
(I)
(II)
(III) Measured from centerline of sprocket
hole to centerline of pocket.
2
2.0±0.1 (I)
Ko (1.20±0.1)
±0.05)
Ø1.5 MIN.
Ø1.55±0.05
P
4.0±0.1 (II)
Ao(6.30±0.1)
1.75±0.1
P 0
Y
Y
SECTION Y-Y
C
L
P1(8.00±0.1)
Do
D1
E1
(0.30
T
REF
.R0.50
Base and bulk quantity 3000 pcs
8234350_Tape_rev_C
Pin 1
identification


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn