Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STL40N75LF3 Datasheet(PDF) 10 Page - STMicroelectronics

Part No. STL40N75LF3
Description  N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STL40N75LF3 Datasheet(HTML) 10 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STL40N75LF3
10/14
DocID023810 Rev 2
Figure 20. PowerFLAT™ 5x6 type S-C recommended footprint (dimensions in mm)
Table 8. PowerFLAT™ 5x6 type S-C mechanical data
Dim.
mm
Min.
Typ.
Max.
A0.80
1.00
A1
0.02
0.05
A2
0.25
b0.30
0.50
D5.20
E6.15
D2
4.11
4.31
E2
3.50
3.70
e1.27
e1
0.65
L
0.715
1.015
K1.05
1.35
Footprint


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn