Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STL40N75LF3 Datasheet(PDF) 7 Page - STMicroelectronics

Part No. STL40N75LF3
Description  N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STL40N75LF3 Datasheet(HTML) 7 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID023810 Rev 2
7/14
STL40N75LF3
Electrical characteristics
14
Figure 8. Capacitance variations
Figure 9. Normalized V(BR)DSS vs temperature
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
C
1500
1000
500
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40
2000
2500
3000
3500
AM15414v1
V(BR)DSS
-55
-5
TJ(°C)
(norm)
-30
70
20
45
95
0.8
0.85
0.9
0.95
1
1.05
ID = 1mA
120
1.1
1.15
AM15415v1
VGS(th)
0.8
0.6
0.4
0.2
-55
-5
TJ(°C)
(norm)
-30
1
70
20 45
95 120
1.2
ID=250 µA
AM15344v1
RDS(on)
1.5
1
0.5
0
-55
-5
ID(A)
-30
20
2
VGS=5 V
ID=20 A
45
70
95 120
(norm)
AM15417v1
VSD
0
20
ISD(A)
(V)
10
30
0.4
0.5
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=175°C
TJ=25°C
40
1
AM15418v1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn