Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STL40N75LF3 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. STL40N75LF3
Description  N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STL40N75LF3 Datasheet(HTML) 6 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STL40N75LF3
6/14
DocID023810 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
0.1
0.01
0.1
1
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
by
max
R
DS(on)
10ms
1s
100ms
Tj= 175°C
Tc=25°C
Single
pulse
1
10
100
AM15409v1
K
tp(s)
Single pulse
10
-2
δ= 0.5
0.2
0.1
0.05
0.02
0.01
10
-3
10
-4
10
-5
10
0
10
-2
10
-1
10
-3
10
-4
10
-5
10
-6
GIPD130920131022FSR
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
60
40
20
0
0
2
VDS(V)
(A)
1
80
VGS= 3 V
VGS= 4 V
VGS= 10 V
100
VGS= 5 V
3
AM15410v1
ID
60
40
20
0
0
2
VGS(V)
4
(A)
1
3
5
80
6
7
8
100
VDS = 4 V
AM15411v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
8
10
15
10
VDD=37.5 V
ID=40A
20
25
AM15412v1
RDS(on)
10
5
0
0
30
ID(A)
(m
Ω)
10
15
20
20
40
VGS=10V
25
30
AM15413v1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn