Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM15T15A Datasheet(PDF) 1 Page - General Semiconductor

Part # SM15T15A
Description  TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SM15T15A Datasheet(HTML) 1 Page - General Semiconductor

  SM15T15A Datasheet HTML 1Page - General Semiconductor SM15T15A Datasheet HTML 2Page - General Semiconductor SM15T15A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM15T SERIES
TRANSZORB™ SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 to 220 Volts Peak Pulse Power - 1500 Watts
FEATURES
♦ For surface mounted applications in order to
optimize board space
♦ Low profile package
♦ Built-in strain relief
♦ Glass passivated junction
♦ Low inductance
♦ Excellent clamping capability
♦ Repetition Rate (duty cycle): 0.05%
♦ Fast reponse time: typically less than 1ps from 0 volts to
VBR min.
♦ Typical ID less than 1µA above 10V
♦ High temperature soldering: 250°C/10 seconds
at terminals
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
MECHANICAL DATA
Case: JEDEC DO-214AB (SMC) molded plastic over
passivated junction
Terminals: Solder plated solderable per MIL-STD-750,
Method 2026
Polarity: For uni-directional types: Color band
denotes positive end (cathode)
Standard Packaging: 12mm tape (EIA STD RS-481)
Weight: 0.003 ounces, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
SYMBOLS
VALUE
UNIT
Peak Pulse Power Dissipation on 10/1000µs
waveform (NOTES 1, 2, Fig. 1)
PPPM
Minimum 1500
Watts
Peak Pulse Current on 10/1000µs
waveform (NOTE 1, Fig. 3)
IPPM
See Table 1
Amps
Power Dissipation on Infinite Heatsink, TA=50
°CPM(AV)
6.5
Watts
Peak Forward Surge Current, 10ms Single Half Sine-wave,
IFSM
200
Amps
Undirectional Only
Max. Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Thermal Resistance Junction to Ambient Air (NOTE 2)
R
ΘJA
75
°C/W
Thermal Resistance Junction to Leads
R
ΘJL
15
°C/W
NOTES:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2
(2) Mounted on 5.0mm2 (.013mm thick) land areas.
(3) Measured on 8.3ms single half sine-wave or equivalent squarewave, duty cycle 4 pulses per minute maximum.
1/21/99
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.305 (7.75)
0.320 (8.13)
0.260 (6.60)
0.280 (7.11)
0.079 (2.06)
0.103 (2.62)
0.220 (5.59)
0.245 (6.22)
0.126 (3.20)
0.114 (2.90)
MAX.
DO-214AB
Dimensions in inches and (millimeters)
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - SM15T15A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T15A STMICROELECTRONICS-SM15T15A Datasheet
189Kb / 5P
   TRANSILTM
SM15T15A STMICROELECTRONICS-SM15T15A Datasheet
125Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM15T15A VISHAY-SM15T15A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T15A MDE-SM15T15A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T15A VISHAY-SM15T15A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T15A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com