Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45NG18-2317 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 45NG18-2317
Description  PRESSFIT NEON, LED INCANDESCENT INDICATOR LIGHTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

45NG18-2317 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  45NG18-2317 Datasheet HTML 1Page - List of Unclassifed Manufacturers 45NG18-2317 Datasheet HTML 2Page - List of Unclassifed Manufacturers 45NG18-2317 Datasheet HTML 3Page - List of Unclassifed Manufacturers 45NG18-2317 Datasheet HTML 4Page - List of Unclassifed Manufacturers 45NG18-2317 Datasheet HTML 5Page - List of Unclassifed Manufacturers 45NG18-2317 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRESSFIT INDICATOR LIGHTS
FOR 5/16" DIA. MOUNTING HOLE
Indicator Lights
I-27
Lighting Components & Design, Inc.®
· 692 S. Military Trail, Deerfield Bch., FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110
Revised July, 1997
Hi-Hat Lens
Variety of
Lens Colors
1/8" Tab Terminals or
3/16" Tab Terminals
PressFit Mounting
45 Series
Zinc Plated Bezel
White Housing
6 to 250 Design Volts
Neon or
Incandescent
Hi-Hat Lens Style
With bezel.
Part Number
1/8" Tab Terminals
Part Number
3/16" Tab Terminals
Lens Color
Lamp Type
Design Volts
Design Watts
or Amps
Life (hrs)
45RN-2111
45RN-2111T3
Red
Neon
125
1/3W
25,000
45HRN-2111
45HRN-2111T3
Red
Neon
250
1/3W
25,000
45RNG1-2111
45RNG1-2111T3
Red
Incandescent
6
.20A
5,000
45RNG3-2111
45RNG3-2111T3
Red
Incandescent
14
.10A
10,000
45RNG18-2111
45RNG18-2111T3
Red
Incandescent
28
.04A
7,000
45RN-2112
45RN-2112T3
Green
Neon
125
1/3W
25,000
45HRN-2112
45HRN-2112T3
Green
Neon
250
1/3W
25,000
45RNG1-2112
45RNG1-2112T3
Green
Incandescent
6
.20A
5,000
45RNG3-2112
45RNG3-2112T3
Green
Incandescent
14
.10A
10,000
45RNG18-2112
45RNG18-2112T3
Green
Incandescent
28
.04A
7,000
45RN-2113
45RN-2113T3
Amber
Neon
125
1/3W
25,000
45HRN-2113
45HRN-2113T3
Amber
Neon
250
1/3W
25,000
45RNG1-2113
45RNG1-2113T3
Amber
Incandescent
6
.20A
5,000
45RNG3-2113
45RNG3-2113T3
Amber
Incandescent
14
.10A
10,000
45RNG18-2113
45RNG18-2113T3
Amber
Incandescent
28
.04A
7,000
45RN-2114
45RN-2114T3
Blue
Neon
125
1/3W
25,000
45HRN-2114
45HRN-2114T3
Blue
Neon
250
1/3W
25,000
45RNG1-2114
45RNG1-2114T3
Blue
Incandescent
6
.20A
5,000
45RNG3-2114
45RNG3-2114T3
Blue
Incandescent
14
.10A
10,000
45RNG18-2114
45RNG18-2114T3
Blue
Incandescent
28
.04A
7,000
45RN-2115
45RN-2115T3
White
Neon
125
1/3W
25,000
45HRN-2115
45HRN-2115T3
White
Neon
250
1/3W
25,000
45RNG1-2115
45RNG1-2115T3
White
Incandescent
6
.20A
5,000
45RNG3-2115
45RNG3-2115T3
White
Incandescent
14
.10A
10,000
45RNG18-2115
45RNG18-2115T3
White
Incandescent
28
.04A
7,000
45RN-2117
45RN-2117T3
Clear
Neon
125
1/3W
25,000
45HRN-2117
45HRN-2117T3
Clear
Neon
250
1/3W
25,000
45RNG1-2117
45RNG1-2117T3
Clear
Incandescent
6
.20A
5,000
45RNG3-2117
45RNG3-2117T3
Clear
Incandescent
14
.10A
10,000
45RNG18-2117
45RNG18-2117T3
Clear
Incandescent
28
.04A
7,000
7/32"
19/64"


Similar Part No. - 45NG18-2317

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
45N03 VBSEMI-45N03 Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
45N03H VBSEMI-45N03H Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
45N05 ISC-45N05 Datasheet
49Kb / 2P
   Fast Switching
45N06 ISC-45N06 Datasheet
49Kb / 2P
   Fast Switching
logo
Guangdong Youtai Semico...
45N10N3G UMW-45N10N3G Datasheet
1Mb / 9P
   100 V N-Channel MOSFET
More results

Similar Description - 45NG18-2317

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2150A CML-2150A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
1030D CML-1030D Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
2110A CML-2110A Datasheet
228Kb / 1P
   Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1050QC VCC-1050QC Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com