Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6004DS2RP Datasheet(PDF) 5 Page - Littelfuse

Part # S6004DS2RP
Description  4 Amp Sensitive SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6004DS2RP Datasheet(HTML) 5 Page - Littelfuse

  S6004DS2RP Datasheet HTML 1Page - Littelfuse S6004DS2RP Datasheet HTML 2Page - Littelfuse S6004DS2RP Datasheet HTML 3Page - Littelfuse S6004DS2RP Datasheet HTML 4Page - Littelfuse S6004DS2RP Datasheet HTML 5Page - Littelfuse S6004DS2RP Datasheet HTML 6Page - Littelfuse S6004DS2RP Datasheet HTML 7Page - Littelfuse S6004DS2RP Datasheet HTML 8Page - Littelfuse S6004DS2RP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
213
©2010 Littelfuse, Inc
Revised: July 29, 2010 09:54 AM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx04xSx Series
4 Amp Sensitive SCRs
0.1
1.0
10.0
100.0
1
10
100
1000
Sxx04VSy
Sxx04DSy
Surge Current Duration -- Full Cycles
Figure 13: Surge Peak On-State Current vs. Number of Cycles
Figure 14: Simple Test Circuit for Gate Trigger Voltage and Current
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated
Notes:
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
I
To measure gate trigger voltage and current, raise gate
Can be computed from
the relationship
I
= I - ____ Amps
1000
where I
dropping
Note: I
may turn out to be a negative quantity (trigger
current flows out from gate lead). If negative current
occurs, I
value is not a valid reading. Remove 1 k resistor
and use I as the more correct I
value. This will occur on
12 μA gate products.
Reset
Normally-closed
Pushbutton
6V
DC
+
D.U.T.
100
R1
1 k
(1%)
100
I
GT
I
G
IN4001
V1
V
GT


Similar Part No. - S6004DS2RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6004DS2 LITTELFUSE-S6004DS2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S6004DS2 ETC2-S6004DS2 Datasheet
205Kb / 12P
   RoHS Compliant
S6004DS2 ETC2-S6004DS2 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - S6004DS2RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJ6004DS2 LITTELFUSE-SJ6004DS2 Datasheet
1Mb / 7P
   4 Amp High Temperature Sensitive SCRs
Revised: 08/02/17
SJ6004DS2TP LITTELFUSE-SJ6004DS2TP Datasheet
1Mb / 7P
   Thyristors 4 Amp High Temperature Sensitive SCRs
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S802ECS LITTELFUSE-S802ECS Datasheet
1Mb / 6P
   EV Series 1.5 Amp Sensitive SCRs
Revised: 09/04/19
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
   SENSITIVE SCRS
logo
STMicroelectronics
TS420-600T STMICROELECTRONICS-TS420-600T Datasheet
110Kb / 11P
   Sensitive gate 4 A SCRs
logo
Unisonic Technologies
X0202 UTC-X0202 Datasheet
218Kb / 5P
   SENSITIVE SCRS
logo
Littelfuse
T106D2 LITTELFUSE-T106D2 Datasheet
205Kb / 12P
   Sensitive SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com