Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN3258-42-33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN3258-42-33
Description  Ultra-compact EMC/RFI Filter for Motor Drives Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN3258-42-33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN3258-42-33 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN3258-42-33 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN3258-42-33 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN3258-42-33 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET
3-Phase Filters FN 3258
Ultra-compact EMC/RFI Filter for Motor Drives Applications
New: solid safety connector blocks available for
the whole range
Exceptional attenuation performance from 150
kHz to 30 MHz
Excellent saturation resistance up to 50 m cable
length
Most compact and slim filter design in its class
Technical specifications
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
Flammability corresponding to
UL 94 V-2 or better
High potential test voltage
P –> E 2650 VDC for 2 sec
P –> P 2100 VDC for 2 sec
Maximum continuous operating voltage
3x 480/277 VAC (FN 3258)
3x 520/300 VAC (FN 3258H)
MTBF @ 50°C/400V (Mil-HB-217F)
300,000 hours
Operating frequency
dc to 60 Hz
Overload capability
4x rated current at switch on,
1.5x rated current for 1 minute, once per hour
Protection category
IP20
Rated currents
7 to 180 A @ 50 °C
Temperature range (operation and storage) -25 °C to +100 °C (25/100/21)
Approvals
Features andbenefits
The extremely compact and slim filter design allows
a trouble-free installation even where the available
mounting space is minimal
With new additional filter types providing safety
terminal blocks, the most preferred connection style
can be chosen fast and easy. This helps to stay in
line with the electrical connection concept of a
given application
FN 3258 filters ensure compliance with Class A limits
according to EN 55011 up to 50 m cable length and
beyond. Further they can contribute significantly to
meet conducted emission limits according to Class
B
Filter operation on the mains input side of
consumers increases their reliability and conducted
immunity significant
Chokes with exceptional saturation resistance and
excellent thermal behavior are a vital part of FN 3258
design. Thus, all filters retain the expected filter
performance even in very noisy applications and
under full load conditions
Typical applications
Three-phase variable speed motor drives, servo
drives, inverters and converters
Applications comprising energy conversion devices
like machines or process automation equipment
HVAC equipment, elevators, power supplies, UPS
and further three-phase applications
Typical electrical schematic


Similar Part No. - FN3258-42-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN3258-130-35 ETC2-FN3258-130-35 Datasheet
206Kb / 4P
   Ultra-compact EMC/RFI Filter for Motor Drives Applications 3-Phase Filters FN 3258
More results

Similar Description - FN3258-42-33

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
   Compact EMC/RFI Filter for Motor Drives
logo
List of Unclassifed Man...
FN3258-130-35 ETC2-FN3258-130-35 Datasheet
206Kb / 4P
   Ultra-compact EMC/RFI Filter for Motor Drives Applications 3-Phase Filters FN 3258
FN350-8-29 ETC2-FN350-8-29 Datasheet
551Kb / 4P
   Single-phase EMC/RFI Filter for Motor Drives
logo
Schaffner International...
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
   Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-3120 SCHAFFNER-FN-3120 Datasheet
309Kb / 4P
   High-Performance EMC/RFI Filter for Drives
FN-3100 SCHAFFNER-FN-3100 Datasheet
310Kb / 4P
   Bookstyle EMC/EMI Filter for Motor Drives
FN-406 SCHAFFNER-FN-406 Datasheet
1Mb / 4P
   Ultra Compact EMC Filter
logo
List of Unclassifed Man...
FN406-3-02 ETC2-FN406-3-02 Datasheet
354Kb / 3P
   Ultra Compact EMC Filter
logo
Schaffner International...
FN2220 SCHAFFNER-FN2220 Datasheet
365Kb / 5P
   DC-Busbar EMC/RFI Filter for EV charging applications
27 Oct 2021
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
   High-current EMC/RFI Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com